Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH6002CPI Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH6002CPI
Description  High efficiency ultrafast diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6002CPI Datasheet(HTML) 2 Page - STMicroelectronics

  STTH6002CPI Datasheet HTML 1Page - STMicroelectronics STTH6002CPI Datasheet HTML 2Page - STMicroelectronics STTH6002CPI Datasheet HTML 3Page - STMicroelectronics STTH6002CPI Datasheet HTML 4Page - STMicroelectronics STTH6002CPI Datasheet HTML 5Page - STMicroelectronics STTH6002CPI Datasheet HTML 6Page - STMicroelectronics STTH6002CPI Datasheet HTML 7Page - STMicroelectronics STTH6002CPI Datasheet HTML 8Page - STMicroelectronics STTH6002CPI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STTH6002C
2/9
1
Characteristics
When the two diodes 1 and 2 are used simultaneously:
∆Tj(diode 1) = P (diode 1) X Rth(j-c) (Per diode) + P (diode 2) x Rth(c)
Table 1.
Absolute ratings (limiting values at Tj = 25° C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
50
A
IF(AV)
Average forward current,
δ = 0.5
TO-247
Per diode Tc = 140° C
30
A
Per device Tc = 125° C
60
TOP3I
Per diode Tc = 120° C
30
Per device Tc = 105° C
60
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
330
A
Tstg
Storage temperature range
-65 to +175
° C
Tj
Maximum operating junction temperature
175
° C
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-247
Per diode
1.2
° C/W
Total
0.8
TOP3I
Per diode
1.8
Total
1.20
Rth(c)
Coupling
TO-247
0.4
TOP3I
0.6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com