Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01ATBR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STULPI01ATBR
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01ATBR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STULPI01ATBR Datasheet HTML 12Page - STMicroelectronics STULPI01ATBR Datasheet HTML 13Page - STMicroelectronics STULPI01ATBR Datasheet HTML 14Page - STMicroelectronics STULPI01ATBR Datasheet HTML 15Page - STMicroelectronics STULPI01ATBR Datasheet HTML 16Page - STMicroelectronics STULPI01ATBR Datasheet HTML 17Page - STMicroelectronics STULPI01ATBR Datasheet HTML 18Page - STMicroelectronics STULPI01ATBR Datasheet HTML 19Page - STMicroelectronics STULPI01ATBR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Electrical characteristics
STULPI01A - STULPI01B
16/44
Figure 3.
High-speed driver eye pattern
+400mV
differential
-400mV
differential
0 V
differential
Level 1
Level 2
Point 1
Point 2
Point 3
Point 4
Point 5
Point 6
0%
100%
Unit Interval
Table 8.
High-speed driver eye pattern
Level 1
Level 2
Point 1
Point 2
Point 3
Point 4
Point 5
Point 6
Voltage Level
(DP – DM)
525mV (1)
475mV
-525mV (1)
-475mV
0V
0V
300mV
300mV
-300mV
-300mV
Time
(% of Unit Interval)
5%
95%
35%
65%
35%
65%
1.
This value is valid for unit intervals following a transition. For all other intervals the other value is valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com