Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01ATBR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STULPI01ATBR
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01ATBR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STULPI01ATBR Datasheet HTML 29Page - STMicroelectronics STULPI01ATBR Datasheet HTML 30Page - STMicroelectronics STULPI01ATBR Datasheet HTML 31Page - STMicroelectronics STULPI01ATBR Datasheet HTML 32Page - STMicroelectronics STULPI01ATBR Datasheet HTML 33Page - STMicroelectronics STULPI01ATBR Datasheet HTML 34Page - STMicroelectronics STULPI01ATBR Datasheet HTML 35Page - STMicroelectronics STULPI01ATBR Datasheet HTML 36Page - STMicroelectronics STULPI01ATBR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
STULPI01A - STULPI01B
ULPI registers
33/44
Table 18.
Interface control register
07h-09h(Read), 07h(Write), 08h(Set), 09h(Clear)
(Enables alternative interface and STULPI01 features.)
Field name
Bits
Access
Reset
Description
6-pin
FsLsSerialMode
0
rd/wr/s/c
0b
Changes the ULPI interface to 6-pin serial mode. The
STULPI01 automatically clears this bit when serial mode is
exited.
0b: FS/LS packets are sent using parallel interface.
1b: FS/LS packets are sent 6-pin using serial interface.
3-pin
FsLsSerialMode
1
rd/wr/s/c
0b
Changes the ULPI interface to 3-pin serial mode. STULPI01
automatically clears this bit when serial mode is exited.
0b: FS/LS packets are sent using parallel interface.
1b: FS/LS packets are sent using 4-pin serial interface.
Carkit mode
2
rd/wr/s/c
0b
STULPI01 does not support all the features of car kit mode.
Only the UART functionality is implemented.
0b: Disables serial car kit mode.
1b: Enables serial car kit mode.
ClockSuspendM
3
rd/wr/s/c
0b
Active low clock suspend. Valid only in serial mode and car
kit mode. Powers down the internal clock circuitry. Valid only
when SuspendM = 1b. STULPI01 ignores ClockSuspend
when SuspendM = 0b. By default, the clock will not be
powered in Serial and car kit modes.
0b: Clock will not be powered in serial and car kit modes.
1b: Clock will be powered in Serial and car kit modes.
Reserved
4
rd/wr/s/c
0b
STULPI01 do not implement autoresume feature, because
the clock can be restarted in less than 1ms.
Indicator
complement
5
rd/wr/s/c
0b
Tells to invert the ExternalVbusIndicator signal, generating
the complement output.
0b: STULPI01 will not invert ExternalVbusIndicator signal
1b: STULPI01 will invert ExternalVbusIndicator signal.
Indicator
PassThru
6
rd/wr/s/c
0b
Controls whether the complement output is qualified with the
Internal VbusValid comparator before being used in the
Vbus State in the RX CMD.
0b: complement output signal is qualified with the Internal
VbusValid comparator.
1b: complement output signal is not qualified with the
Internal VbusValid comparator.
Interface protect
disable
7
rd/wr/s/c
0b
Controls circuitry for protecting the ULPI interface when the
link 3-states STP and DATA. This bit is not intended to affect
the operation of the holding state. Refer to section 3.12 of
ULPI specification 1.1 for more details.
0b: Enables the interface protect circuit (default).
1b: Disables the interface protect circuit.
Interface protection circuit consists of pull-down resistors on
DATA and pull-up resistor on STP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com