Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01BTBR Datasheet(PDF) 36 Page - STMicroelectronics

Part # STULPI01BTBR
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01BTBR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STULPI01BTBR Datasheet HTML 32Page - STMicroelectronics STULPI01BTBR Datasheet HTML 33Page - STMicroelectronics STULPI01BTBR Datasheet HTML 34Page - STMicroelectronics STULPI01BTBR Datasheet HTML 35Page - STMicroelectronics STULPI01BTBR Datasheet HTML 36Page - STMicroelectronics STULPI01BTBR Datasheet HTML 37Page - STMicroelectronics STULPI01BTBR Datasheet HTML 38Page - STMicroelectronics STULPI01BTBR Datasheet HTML 39Page - STMicroelectronics STULPI01BTBR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
ULPI registers
STULPI01A - STULPI01B
36/44
Table 21.
USB interrupt enable falling register
Address: 10h-12h (Read), 10h (Write), 11h (Set), 12h (Clear)
(If set, the bits in this register cause an interrupt event notification to be generated when the
corresponding PHY signal changes from high to low. By default, all transitions are enabled. RxActive and
RxError must always be communicated immediately and so are not included in this register. Interrupt
circuitry can be powered down in any mode when both rising and falling edge enables are disabled. To
ensure interrupts are detectable when clock is powered down, the link should enable both rising and
falling edges.)
Field name
Bits
Access
Reset
Description
Host disconnect fall
0
rd/wr/s/c
1b
Generates an interrupt event notification when the host
disconnect changes from high to low. Applicable only in
host mode.
VbusValid fall
1
rd/wr/s/c
1b
Generates an interrupt event notification when
VbusValid changes from high to low.
SessValid fall
2
rd/wr/s/c
1b
Generates an interrupt event notification when
SessValid changes from high to low. SessValid is the
same as UTMI+ AValid.
SessEnd fall
3
rd/wr/s/c
1b
Generates an interrupt event notification when SessEnd
changes from high to low.
ID fall
4
rd/wr/s/c
1b
Generates an interrupt event notification when ID
changes from high to low. ID is valid 50ms after IdPullup
is set to 1b, otherwise ID is undefined and should be
ignored.
Reserved
7:5
rd/wr/s/c
0b
Reserved
Table 22.
USB interrupt status register
Address: 13h (Read-only)
(Indicates the current value of the interrupt source signal. Interrupt circuitry can be powered down in any
mode when both rising and falling edge enables are disabled. To ensure interrupts are detectable when
clock is powered down, the link should enable both rising and falling edges.)
Field name
Bits
Access
Reset
Description
Host disconnect
0rd
0b
Current value of UTMI+ Host disconnect output.
Applicable only in host mode. Automatically reset to 0b
when Low Power Mode is entered.
VbusValid
1
rd
0b
Current value of UTMI+VbusValid output.
SessValid
2rd
0b
Current value of UTMI+SessValid output. SessValid is the
same as UTMI+ AValid.
SessEnd
3
rd
0b
Current value of UTMI+SessEnd output.
ID
4rd
0b
Current value of UTMI+ID output. ID is valid 50ms after
IdPullup is set to 1b, otherwise ID is undefined and should
be ignored.
Reserved
7:5
rd
0b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com