Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01BTBR Datasheet(PDF) 42 Page - STMicroelectronics

Part # STULPI01BTBR
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01BTBR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STULPI01BTBR Datasheet HTML 36Page - STMicroelectronics STULPI01BTBR Datasheet HTML 37Page - STMicroelectronics STULPI01BTBR Datasheet HTML 38Page - STMicroelectronics STULPI01BTBR Datasheet HTML 39Page - STMicroelectronics STULPI01BTBR Datasheet HTML 40Page - STMicroelectronics STULPI01BTBR Datasheet HTML 41Page - STMicroelectronics STULPI01BTBR Datasheet HTML 42Page - STMicroelectronics STULPI01BTBR Datasheet HTML 43Page - STMicroelectronics STULPI01BTBR Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Order codes
STULPI01A - STULPI01B
42/44
10
Order codes
Table 28.
Order codes
Order code
Key differences
Package
Packaging
STULPI01ATBR (1)
1.
All these versions need digital external clock on XI pin; XO pin must be left floating or grounded (Crystal is not supported).
fOSC=19.2MHz, CSn/PWRDN=0 “ON”
µTFBGA36 (3.6x3.6mm Typ)
3000 parts per reel
STULPI01BTBR (1) fOSC=26MHz, CSn/PWRDN=0 “ON”
µTFBGA36 (3.6x3.6mm Typ)
3000 parts per reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com