Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB02E Datasheet(PDF) 10 Page - STMicroelectronics

Part # STUSB02E
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB02E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STUSB02E_07 Datasheet HTML 6Page - STMicroelectronics STUSB02E_07 Datasheet HTML 7Page - STMicroelectronics STUSB02E_07 Datasheet HTML 8Page - STMicroelectronics STUSB02E_07 Datasheet HTML 9Page - STMicroelectronics STUSB02E_07 Datasheet HTML 10Page - STMicroelectronics STUSB02E_07 Datasheet HTML 11Page - STMicroelectronics STUSB02E_07 Datasheet HTML 12Page - STMicroelectronics STUSB02E_07 Datasheet HTML 13Page - STMicroelectronics STUSB02E_07 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical characteristics
STUSB02E
10/20
Table 11.
AC electrical characteristics
(VIF = 3.6V, VBUS = 5V unless otherwise noted; TA = 25°C.) (Note 6)
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k
Ω in series with 100pF.
Note 4. Specification applies to the following pins: SUS, SPD, RCV, CON, RCV, VP, VM, OE#.
Note 5. Characterized specification(s), but not production tested.
Note 6. All AC parameters guaranteed by design but not production tested.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
TR
Transition Rise Time (LOW SPEED)
CL = 50pF (Figure 4)
75
ns
CL = 600pF
300
TF
Transition Fall Time (LOW SPEED)
CL = 50pF (Figure 4)
75
ns
CL = 600pF
300
TR, TF
Rise/Fall Time Matching (LOW
SPEED)
(TR, TF)
80
125
%
VCRS
Output Signal Crossover Voltage
(LOW SPEED)
1.3
2
V
TR
Transition Rise Time (FULL SPEED) CL = 50pF (Figure 4)
420
ns
TF
Transition Fall Time (FULL SPEED)
CL = 50pF (Figure 4)
420
ns
TR, TF
Rise/Fall Time Matching (FULL
SPEED)
(TR, TF)
90
111.11
%
VCRS
Output Signal Crossover Voltage
(FULL SPEED)
1.3
2
V
tPVZ
OE# TO RCVR Tri-State Delay
Figure 3
3ns
tPZD
Receiver Tri-State to Transmit Delay
LOW SPEED (
Figure 3)13
ns
FULL SPEED (
Figure 3)32
tPDZ
OE# TO RCVR Tri-State Delay
Figure 3
6ns
tPZV
Driver Tri-State to Receive Delay
Figure 3
27
ns
tPLH tPHL VP, VM to D+, D- Propagation Delay Figure 6
16
20
ns
tPLH tPHL D+, D- to RCV Propagation Delay
Figure 5
13
20
ns
tPLH tPHL D+, D- to VP, VM Propagation Delay Figure 5
820
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com