Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB02E Datasheet(PDF) 4 Page - STMicroelectronics

Part # STUSB02E
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB02E Datasheet(HTML) 4 Page - STMicroelectronics

  STUSB02E_07 Datasheet HTML 1Page - STMicroelectronics STUSB02E_07 Datasheet HTML 2Page - STMicroelectronics STUSB02E_07 Datasheet HTML 3Page - STMicroelectronics STUSB02E_07 Datasheet HTML 4Page - STMicroelectronics STUSB02E_07 Datasheet HTML 5Page - STMicroelectronics STUSB02E_07 Datasheet HTML 6Page - STMicroelectronics STUSB02E_07 Datasheet HTML 7Page - STMicroelectronics STUSB02E_07 Datasheet HTML 8Page - STMicroelectronics STUSB02E_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin configuration
STUSB02E
4/20
2
Pin configuration
Table 1.
Pin description
Figure 2.
Pin connections (top view)
PlN N°
SYMBOL
I/O
NAME AND FUNCTION
0
N.C.
Not Connected.
15
VIF
I
System Interface Supply Voltage (1.6V to 3.6V). Provides reference supply
voltage for system I/O interface signals.
1
SPD
I
Edge Rate Control. A logic HIGH operates at edge rates for “fullspeed”
operation. A logic LOW operates edge rates for “lowspeed” operation.
2
RCV
O
Receive Data. Output for USB differential data. (see
Table 2)
3
VP
I/O
If OE# = H, VP = Receiver output (+)
If OE# = L, VP = Driver input (+) (see
Table 2)
4
VM
I/O
If OE# = H, VM = Receiver output (-)
If OE# = L, VM = Driver input (-) (see
Table 2)
5CON
I
CONNECT (input). Controls state of VPU. Refer to VPU pin description for detail.
6
GND
Ground Reference
7
SUS
I
Suspend (active-high). Turns off internal circuits to reduce supply current.
9OE#
I
Output Enable (active-low). Enables transceiver data transmission onto the bus.
When not active, the transceiver is in the receive mode. (see
Table 2)
10, 11
D-, D+
I/O
Differential data lines. (see
Table 2)
12
VTRM
O
3.3V Reference Supply Output. Requires a 1.0µF decoupling capacitor for
stability.
13
VPU
O
Pull-up Supply Voltage Output. Used to connect 1.5k
Ω pull-up speed detect
resistor. If CON = 0, VPU is high impedance. If CON = 1, VPU = 3.3V ±10%.
14
VBUS
I
USB Bus Supply Voltage (4V to 5.5V). Supplies power to the USB transceiver
and internal circuitry.
8
N.C.
Not connected.
16
VBUSDET
O
VBUS indicator output. When VBUS > 2.9V, VBUSDET = High and when < 2.2V,
VBUSDET = Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com