Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB02EQR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STUSB02EQR
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB02EQR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STUSB02EQR Datasheet HTML 2Page - STMicroelectronics STUSB02EQR Datasheet HTML 3Page - STMicroelectronics STUSB02EQR Datasheet HTML 4Page - STMicroelectronics STUSB02EQR Datasheet HTML 5Page - STMicroelectronics STUSB02EQR Datasheet HTML 6Page - STMicroelectronics STUSB02EQR Datasheet HTML 7Page - STMicroelectronics STUSB02EQR Datasheet HTML 8Page - STMicroelectronics STUSB02EQR Datasheet HTML 9Page - STMicroelectronics STUSB02EQR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Maximum ratings
STUSB02E
6/20
4
Maximum ratings
Table 4.
Absolute maximum ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional Operation under these con-
ditions is not implied.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k
Ω in series with 100pF.
Table 5.
Thermal data
Symbol
Parameter
Value
Unit
VBUS
Supply voltage
6
V
V+
All other Inputs
-0.5 to 4.6
V
IO
Output current (D+, D-)
± 50
mA
IO
Output current (all others)
± 15
mA
II
Input current
± 50
mA
ESD
D+, D-, HBM (Note 3)
± 14
kV
VBUS (Note 3)
± 5
All other pins (Note 3)
± 2
TSTG
Storage temperature range
-65 to + 150
°C
TOPR
Operating temperature range
-40 to + 85
°C
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
59
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com