Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB02EQR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STUSB02EQR
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB02EQR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STUSB02EQR Datasheet HTML 11Page - STMicroelectronics STUSB02EQR Datasheet HTML 12Page - STMicroelectronics STUSB02EQR Datasheet HTML 13Page - STMicroelectronics STUSB02EQR Datasheet HTML 14Page - STMicroelectronics STUSB02EQR Datasheet HTML 15Page - STMicroelectronics STUSB02EQR Datasheet HTML 16Page - STMicroelectronics STUSB02EQR Datasheet HTML 17Page - STMicroelectronics STUSB02EQR Datasheet HTML 18Page - STMicroelectronics STUSB02EQR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
STUSB02E
Functional description
15/20
8
Functional description
The STUSB02E is designed to provide USB connectivity in mobile systems where available system
supply voltages are not able to satisfy USB requirements. The STUSB02E can operate down to supply
voltages of 1.6V. As shown in the circuit above, the STUSB02E takes advantage of the USB supply
voltage, VBUS, to operate the transceiver. The system voltage, VIF, is used to set the reference voltage
used by the digital I/O lines interfacing to the system controller. Internal circuitry provides translation
between the USB and system voltage domains. VIF will typically be the main supply voltage rail for the
controller.
In addition, a 3.3V, 10% termination supply voltage, VPU, is provided to support speed selection. VPU can
be disabled or enabled under software control via the CON input. This allows for software-controlled
connect or disconnect states. A 1.5K
Ωresistor is required to be connected between this pin and the D+ or
D– lines to respectively specify full speed or low speed operation.
The use of ESD transient protection devices is not required for operation, but is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com