Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL22NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL22NF10
Description  N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT™ LOW GATE CHARGE STripFET™ II MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL22NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STL22NF10 Datasheet HTML 1Page - STMicroelectronics STL22NF10 Datasheet HTML 2Page - STMicroelectronics STL22NF10 Datasheet HTML 3Page - STMicroelectronics STL22NF10 Datasheet HTML 4Page - STMicroelectronics STL22NF10 Datasheet HTML 5Page - STMicroelectronics STL22NF10 Datasheet HTML 6Page - STMicroelectronics STL22NF10 Datasheet HTML 7Page - STMicroelectronics STL22NF10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
February 2003
.
STL22NF10
N-CHANNEL 100V - 0.055
Ω - 22A PowerFLAT™
LOW GATE CHARGE STripFET™ II MOSFET
s
TYPICAL RDS(on) = 0.055 Ω
s
IMPROVED DIE-TO-FOOTPRINT RATIO
s
VERY LOW PROFILE PACKAGE (1mm MAX)
s
VERY LOW THERMAL RESISTANCE
s
VERY LOW GATE CHARGE
DESCRIPTION
This application specific Power MOSFET is the second
generation of STMicroelectronis unique "STripFET™"
technology. The resulting transistor shows extremely low
on-resistance and minimal gate charge. The new
PowerFLAT™ package allows a significant reduction in
board space without compromising performance.
APPLICATIONS
s
HIGH-EFFICIENCY ISOLATED DC-DC
CONVERTERS
s
TELECOM AND AUTOMOTIVE
TYPE
VDSS
RDS(on)
ID
STL22NF10
100 V
<0.060
Ω
22 A(1)
PowerFLAT™(5x5)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
100
V
VGS
Gate- source Voltage
± 20
V
ID(2)
Drain Current (continuous) at TC = 25°C (Steady State)
5.3
A
ID(2)
Drain Current (continuous) at TC = 100°C
3.8
A
IDM(3)
Drain Current (pulsed)
22
A
Ptot(2)
Total Dissipation at TC = 25°C (Steady State)
4W
Ptot(1)
Total Dissipation at TC = 25°C
70
W
Derating Factor
0.03
W/°C
dv/dt (5)
Peak Diode Recovery voltage slope
16
V/ns
EAS (6)
Single Pulse Avalanche Energy
82
mJ
Tstg
Storage Temperature
-55 to 150
°C
Tj
Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STL22NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL22N60DM6 STMICROELECTRONICS-STL22N60DM6 Datasheet
347Kb / 14P
N-channel 600 V, 220 m typ., 13 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
08-Feb-2022
STL22N60M6 STMICROELECTRONICS-STL22N60M6 Datasheet
792Kb / 15P
N-channel 600 V, 220 m typ., 10 A, MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
November 2018 Rev 1
STL22N65M5 STMICROELECTRONICS-STL22N65M5 Datasheet
1Mb / 17P
Low gate input resistance
01-Feb-2013
More results

Similar Description - STL22NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10NF10 STMICROELECTRONICS-STD10NF10 Datasheet
458Kb / 14P
N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
07-Aug-2006
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
08-Aug-2006
STD20NF10 STMICROELECTRONICS-STD20NF10 Datasheet
303Kb / 9P
N-CHANNEL 100V - 0.038 ohm - 25A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Oct-2002
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Feb-2003
STL28NF3LL STMICROELECTRONICS-STL28NF3LL Datasheet
117Kb / 6P
N-CHANNEL 30V - 0.0055ohm - 28A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Nov-2002
STL35NF10 STMICROELECTRONICS-STL35NF10 Datasheet
165Kb / 6P
N-CHANNEL 100V - 0.025ohm - 35A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Aug-2001
STN7NF10 STMICROELECTRONICS-STN7NF10 Datasheet
274Kb / 8P
N-CHANNEL 100V - 0.055 ohm - 5A SOT-223 LOW GATE CHARGE STripFET™ II POWER MOSFET
Dec-2002
IRF540 STMICROELECTRONICS-IRF540_03 Datasheet
311Kb / 8P
N-CHANNEL 100V - 0.055Ω - 22A TO-220 LOW GATE CHARGE STripFET™II POWER MOSFET
Feb-2003
STL20NF20 STMICROELECTRONICS-STL20NF20 Datasheet
777Kb / 12P
N-channel 200 V, 0.10 Ω, 15 A PowerFLAT™ (5x6) low gate charge STripFET™ Power MOSFET
11-Dec-2009
STP80NF10FP STMICROELECTRONICS-STP80NF10FP Datasheet
226Kb / 12P
N-channel 100V - 0.012Ω - 38A - TO-220FP Low gate charge STripFET™ II Power MOSFET
11-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com