Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL22NF10 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL22NF10
Description  N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT™ LOW GATE CHARGE STripFET™ II MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL22NF10 Datasheet(HTML) 2 Page - STMicroelectronics

  STL22NF10 Datasheet HTML 1Page - STMicroelectronics STL22NF10 Datasheet HTML 2Page - STMicroelectronics STL22NF10 Datasheet HTML 3Page - STMicroelectronics STL22NF10 Datasheet HTML 4Page - STMicroelectronics STL22NF10 Datasheet HTML 5Page - STMicroelectronics STL22NF10 Datasheet HTML 6Page - STMicroelectronics STL22NF10 Datasheet HTML 7Page - STMicroelectronics STL22NF10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STL22NF10
2/8
THERMAL DATA
(*) Mounted on FR-4 board (t
[ 10 sec.)
ELECTRICAL CHARACTERISTICS (Tcase = 25 °C unless otherwise specified)
OFF
ON (7)
DYNAMIC
Rthj-F
Rthj-pcb(4)
(*)Thermal Resistance Junction-Foot (Drain)
Thermal Operating Junction-pcb
1.8
31.5
°C/W
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
100
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20 V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250 µA
2V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V
ID = 11 A
0.055
0.060
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (7)
Forward Transconductance
VDS = 20 V
ID = 11 A
16
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
885
130
56
pF
pF
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com