Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL28NF3LL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL28NF3LL
Description  N-CHANNEL 30V - 0.0055ohm - 28A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL28NF3LL Datasheet(HTML) 2 Page - STMicroelectronics

  STL28NF3LL Datasheet HTML 1Page - STMicroelectronics STL28NF3LL Datasheet HTML 2Page - STMicroelectronics STL28NF3LL Datasheet HTML 3Page - STMicroelectronics STL28NF3LL Datasheet HTML 4Page - STMicroelectronics STL28NF3LL Datasheet HTML 5Page - STMicroelectronics STL28NF3LL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STL28NF3LL
2/6
THERMAL DATA
(*) When mounted on 1inch² FR4 Board, 2oz of Cu, t
≤ 10 sec.
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
Rthj-case
Thermal Resistance Junction-case Max
1.56
°C/W
Rthj-pcb (#)
Thermal Resistance Junction-ambient Max
31.2
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = Max Rating
1µA
VDS = Max Rating, TC = 125 °C
10
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ± 16V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 250µA
1V
RDS(on)
Static Drain-source On
Resistance
VGS =10 V,ID =14A
0.0055
0.0065
Ω
VGS = 4.5 V, ID = 14A
0.0065
0.0095
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS =15V, ID =14A
32
S
Ciss
Input Capacitance
VDS =25V,f= 1MHz, VGS =0
2780
pF
Coss
Output Capacitance
890
pF
Crss
Reverse Transfer
Capacitance
195
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com