Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL28NF3LL Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL28NF3LL
Description  N-CHANNEL 30V - 0.0055ohm - 28A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL28NF3LL Datasheet(HTML) 5 Page - STMicroelectronics

  STL28NF3LL Datasheet HTML 1Page - STMicroelectronics STL28NF3LL Datasheet HTML 2Page - STMicroelectronics STL28NF3LL Datasheet HTML 3Page - STMicroelectronics STL28NF3LL Datasheet HTML 4Page - STMicroelectronics STL28NF3LL Datasheet HTML 5Page - STMicroelectronics STL28NF3LL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STL28NF3LL
5/6
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.90
1.00
0.035
0.039
A1
0.02
0.05
0.001
0.002
b
0.43
0.51
0.58
0.017
0.020
0.023
c
0.33
0.41
0.48
0.013
0.016
0.019
D
5.00
0.197
E
5.00
0.197
E2
3.10
3.18
3.25
0.122
0.125
0.128
e
1.27
0.050
PowerFLAT™(5x5) MECHANICAL DATA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com