Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321AILT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS321AILT
Description  Low power single operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321AILT Datasheet(HTML) 1 Page - STMicroelectronics

  TS321AILT Datasheet HTML 1Page - STMicroelectronics TS321AILT Datasheet HTML 2Page - STMicroelectronics TS321AILT Datasheet HTML 3Page - STMicroelectronics TS321AILT Datasheet HTML 4Page - STMicroelectronics TS321AILT Datasheet HTML 5Page - STMicroelectronics TS321AILT Datasheet HTML 6Page - STMicroelectronics TS321AILT Datasheet HTML 7Page - STMicroelectronics TS321AILT Datasheet HTML 8Page - STMicroelectronics TS321AILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2008
Rev 6
1/13
13
TS321
Low power single operational amplifier
Features
■ Large output voltage swing:
0 to 3.5 V min. (VCC = 5 V)
■ Low supply current: 500 µA
■ Low input bias current: 20 nA
■ Low input offset voltage: 2 mV max.
■ Wide power supply range:
– Single supply: +3 V to +30 V
– Dual supplies: ±1.5 V to ±15 V
■ Stable with high capacitive loads
Description
The TS321 is intended for cost-sensitive
applications where space saving is of great
importance. This bipolar op-amp offers the
benefits of a reduced component size (SOT23-5
package), with specifications that match (or are
better than) industry standard devices (like the
popular LM358A, LM324, etc.). The TS321 has
an input common mode range (Vicm) that includes
ground, and therefore can be employed in single
supply applications.
SO-8
(Plastic micropackage)
SOT23-5
(Plastic package)
Pin connections (top view)
1
2
3
45
6
7
8
-
+
N.C.
Inverting input
Non-inverting input
VCC
Output
-
VCC+
N.C.
N.C.
1
2
3
4
5
Inverting input
Non-inverting input
Output
VCC -
VCC+
www.st.com


Similar Part No. - TS321AILT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS321AILT STMICROELECTRONICS-TS321AILT Datasheet
184Kb / 12P
Low Power Single Operational Amplifier
Dec-2005
TS321AILT STMICROELECTRONICS-TS321AILT Datasheet
186Kb / 12P
Low power single operational amplifier
08-Nov-2007
More results

Similar Description - TS321AILT

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343 Datasheet
114Kb / 7P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321_05 Datasheet
184Kb / 12P
Low Power Single Operational Amplifier
Dec-2005
logo
Texas Instruments
TS321 TI-TS321 Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343_06 Datasheet
124Kb / 8P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321_10 Datasheet
368Kb / 11P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI1-TS321 Datasheet
1Mb / 21P
Low-Power Single Operational Amplifier
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com