Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321AILT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS321AILT
Description  Low power single operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321AILT Datasheet(HTML) 4 Page - STMicroelectronics

  TS321AILT Datasheet HTML 1Page - STMicroelectronics TS321AILT Datasheet HTML 2Page - STMicroelectronics TS321AILT Datasheet HTML 3Page - STMicroelectronics TS321AILT Datasheet HTML 4Page - STMicroelectronics TS321AILT Datasheet HTML 5Page - STMicroelectronics TS321AILT Datasheet HTML 6Page - STMicroelectronics TS321AILT Datasheet HTML 7Page - STMicroelectronics TS321AILT Datasheet HTML 8Page - STMicroelectronics TS321AILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute maximum ratings and operating conditions
TS321
4/13
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
+
Supply voltage
3 to 30
V
Vicm
Common mode input voltage range (VCC
+= 30 V)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0 to VCC
+ -1.5
0 to VCC
+ -2
V
Toper
Operating free-air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com