Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS393ID Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS393ID
Description  Micropower dual CMOS voltage comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS393ID Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS393ID Datasheet HTML 4Page - STMicroelectronics TS393ID Datasheet HTML 5Page - STMicroelectronics TS393ID Datasheet HTML 6Page - STMicroelectronics TS393ID Datasheet HTML 7Page - STMicroelectronics TS393ID Datasheet HTML 8Page - STMicroelectronics TS393ID Datasheet HTML 9Page - STMicroelectronics TS393ID Datasheet HTML 10Page - STMicroelectronics TS393ID Datasheet HTML 11Page - STMicroelectronics TS393ID Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TS393
Ordering information
11/12
5
Ordering information
6
Revision history
Table 8.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TS393CN
0°C, +70°C
DIP8
Tube
TS393CN
TS393CD
TS393CDT
SO-8
Tube or
Tape & reel
S393C
TS393IN
-40°C, +125°C
DIP8
Tube
TS393IN
TS393ID
TS393IDT
SO-8
Tube or
Tape & reel
S393I
TS393IPT
TSSOP8
Tape & reel
S393I
TS393IYD (1)
TS393IYDT (1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.
-40°C, +125°C
SO-8
(Automotive grade)
Tube or
Tape & reel
S393IY
Table 9.
Document revision history
Date
Revision
Changes
31-Jan-2003
1
Initial release.
31-Jul-2005
2
PPAP references inserted in the datasheet, see order codes table.
ESD protection inserted in AMR table.
28-Apr-2008
3
Added footnotes for automotive grade order codes in order codes
table.
Updated ESD values for HBM and MM.
Updated document format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com