Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS393ID Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS393ID
Description  Micropower dual CMOS voltage comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS393ID Datasheet(HTML) 5 Page - STMicroelectronics

  TS393ID Datasheet HTML 1Page - STMicroelectronics TS393ID Datasheet HTML 2Page - STMicroelectronics TS393ID Datasheet HTML 3Page - STMicroelectronics TS393ID Datasheet HTML 4Page - STMicroelectronics TS393ID Datasheet HTML 5Page - STMicroelectronics TS393ID Datasheet HTML 6Page - STMicroelectronics TS393ID Datasheet HTML 7Page - STMicroelectronics TS393ID Datasheet HTML 8Page - STMicroelectronics TS393ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TS393
Electrical characteristics
5/12
3
Electrical characteristics
Table 3.
VCC
+ = 3V, V
CC
- = 0V, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
Vic = 1.5V
Tmin ≤ Tamb ≤ Tmax
5
6.5
mV
Iio
Input offset current (2)
Vic = 1.5V
Tmin ≤ Tamb ≤ Tmax
1
300
pA
Iib
Input bias current 2)
Vic = 1.5V
Tmin ≤ Tamb ≤ Tmax
1
600
pA
CMR
Common-mode rejection ratio
Vic = Vicm-min
70
dB
SVR
Supply voltage rejection ratio
VCC
+ = 3V to 5V
70
dB
IOH
High level output current
Vid = +1V, VOH = 3V
Tmin ≤ Tamb ≤ Tmax
240
1000
nA
VOL
Low level output voltage
Vid = -1V, IOL = +6mA
Tmin ≤ Tamb ≤ Tmax
400
550
800
mV
ICC
Supply current (each comparator)
No load - outputs low
Tmin ≤ Tamb ≤ Tmax
920
25
µA
tPLH
Response time low to high
Vic = 0V, f = 10kHz, RL = 5.1kΩ, CL = 50pF
Overdrive = 5mV
TTL input
1.5
0.7
µs
tPHL
Response time high to low
Vic = 0V, f = 10kHz, RL = 5.1kΩ, CL = 50pF
Overdrive = 5mV
TTL input
2.5
0.08
µs
1.
The specified offset voltage is the maximum value required to drive the output up to 2.5 V or down to 0.3 V.
2.
Maximum values include unavoidable inaccuracies of the industrial tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com