Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS507ID Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS507ID
Description  High precision rail-to-rail operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507ID Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS507ID Datasheet HTML 7Page - STMicroelectronics TS507ID Datasheet HTML 8Page - STMicroelectronics TS507ID Datasheet HTML 9Page - STMicroelectronics TS507ID Datasheet HTML 10Page - STMicroelectronics TS507ID Datasheet HTML 11Page - STMicroelectronics TS507ID Datasheet HTML 12Page - STMicroelectronics TS507ID Datasheet HTML 13Page - STMicroelectronics TS507ID Datasheet HTML 14Page - STMicroelectronics TS507ID Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TS507
Electrical characteristics
11/20
Figure 7.
Supply current vs. input common
mode voltage in closed loop
configuration at VCC=5V
Figure 8.
Supply current vs. supply voltage at
Vicm=VCC/2
0
01
12
23
34
45
5
0.0
0.0
0.2
0.3
0.5
0.5
0.7
0.8
1.0
1.0
T=-40°C
Vcc=5V
Closed loop
T=125°C
T=25°C
Input common mode voltage (V)
0
01
12
23
34
45
5
0.0
0.0
0.2
0.3
0.5
0.5
0.7
0.8
1.0
1.0
T=-40°C
Vicm=Vcc/2
T=125°C
T=25°C
Supply voltage (V)
Figure 9.
Supply current vs. input common
mode voltage in follower
configuration at VCC=2.7V
Figure 10. Supply current vs. input common
mode voltage in follower
configuration at VCC=5V
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
0.0
0.0
0.2
0.3
0.5
0.5
0.7
0.8
1.0
1.0
T=-40°C
Follower configuration
Vcc=2.7V
T=125°C
T=25°C
Input Common Mode Voltage (V)
0
01
12
23
34
45
5
0.0
0.0
0.2
0.3
0.5
0.5
0.7
0.8
1.0
1.0
T=-40°C
Follower configuration
Vcc=5V
T=125°C
T=25°C
Input Common Mode Voltage (V)
Figure 11.
Output current vs. supply voltage at
Vicm=VCC/2
Figure 12. Output current vs. output voltage at
VCC=2.7V
3.0
3.0
3.5
3.5
4.0
4.0
4.5
4.5
5.0
5.0
5.5
5.5
-150
-125
-100
-100
-75
-50
-25
0
0
25
50
75
100
100
125
150
T=125°C
T=25°C
T=-40°C
Sink
Vid = -1V
Source
Vid = 1V
T=-40°C
T=25°C
T=125°C
Vicm=Vcc/2
Supply voltage (V)
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
-40
-40
-35
-30
-25
-20
-20
-15
-10
-5
0
0
5
10
15
20
20
25
30
35
40
40
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
T=-40°C
Vcc=2.7V
T=125°C
T=25°C
Output Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com