Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS507ID Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS507ID
Description  High precision rail-to-rail operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507ID Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS507ID Datasheet HTML 9Page - STMicroelectronics TS507ID Datasheet HTML 10Page - STMicroelectronics TS507ID Datasheet HTML 11Page - STMicroelectronics TS507ID Datasheet HTML 12Page - STMicroelectronics TS507ID Datasheet HTML 13Page - STMicroelectronics TS507ID Datasheet HTML 14Page - STMicroelectronics TS507ID Datasheet HTML 15Page - STMicroelectronics TS507ID Datasheet HTML 16Page - STMicroelectronics TS507ID Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TS507
Electrical characteristics
13/20
Figure 19.
Gain margin according the output
load, at VCC=5V and T=25°C
Figure 20.
Phase margin according the output
load, at VCC=5V and T=25°C
1
10
100
1k
10k
100k
1M
10M
1E-12
1E-11
1E-10
1E-9
1E-8
1E-7
1E-6
30 dB
20 dB
10 dB
V
cc
= 5 V
V
icm
= 2,5 V
T
amb
= 25 °C
0 dB
UNSTABLE
STABLE
Load Resistor (
Ω)
1
10
100
1k
10k
100k
1M
10M
1E-12
1E-11
1E-10
1E-9
1E-8
1E-7
1E-6
50 °
40 °
30 °
20 °
10 °
V
cc
= 5 V
V
icm
= 2,5 V
T
amb
= 25 °C
0 °
UNSTABLE
STABLE
Load Resistor (
Ω)
Figure 21.
Gain margin vs. output current, at
VCC=5V and T=25°C
Figure 22.
Phase margin vs. output current, at
VCC=5V and T=25°C
-4
-4
-3
-2
-2
-1
0
012
23
4
4
-2.5
0.0
0.0
2.5
5.0
5.0
7.5
10.0
10.0
12.5
15.0
15.0
17.5
20.0
20.0
R ecom m ended area
V
cc
= 5 V
V
icm
= 2,5 V
T
am b
= 25 °C
R
L
= 2 k
Ω
550 pF
300 pF
100 pF
O utput Current (m A)
-4
-4
-3
-2
-2
-1
0
01
2
23
4
4
-1 0
0
0
10
20
20
30
40
40
50
60
60
70
R ecom m e nded a rea
10 0 pF
30 0 pF
5 50 pF
V
cc
= 5 V
V
icm
= 2,5 V
T
am b
= 25 °C
R
L
= 2 k
Ω
O u tput C u rrent (m A)
Figure 23.
Phase and gain margins vs
capacitive load at = 25°C
Figure 24.
Distortion + noise vs. output
voltage
10p
100p
1n
10n
-40
-40
-30
-20
-20
-10
0
0
10
20
20
30
-100
-75
-50
-25
0
25
50
75
V
cc
= 5 V
V
icm
= 2,5 V
T
amb
= 25 °C
R
L
= 2 k
Ω
Phase Margin
Gain Margin
Load Capacitor (F)
0.01
0.1
1
0.0001
0.0010
0.0100
0.1000
f=1kHz
Rl=2kO hm s
Gain=1
BW =22kHz
Vicm =(Vcc-1V)/2
Vcc=5V
Vcc=3.3V
Vcc=2.7V
Output Voltage (Vpp)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com