Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL35NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL35NF10
Description  N-CHANNEL 100V - 0.025ohm - 35A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL35NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STL35NF10 Datasheet HTML 1Page - STMicroelectronics STL35NF10 Datasheet HTML 2Page - STMicroelectronics STL35NF10 Datasheet HTML 3Page - STMicroelectronics STL35NF10 Datasheet HTML 4Page - STMicroelectronics STL35NF10 Datasheet HTML 5Page - STMicroelectronics STL35NF10 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
PRELIMINARY DATA
August 2001
STL35NF10
N-CHANNEL 100V - 0.025
Ω - 35A PowerFLAT™
LOW GATE CHARGE STripFET™ MOSFET
s
TYPICAL RDS(on) = 0.025Ω
s
IMPROVED DIE-TO-FOOTPRINT RATIO
s
VERY LOW PROFILE PACKAGE
DESCRIPTION
This Power MOSFET is the second generation of
STMicroelectronics unique “STripFET™” technolo-
gy. The resulting transistor shows extremely low on-
resistance and minimal gate charge. The new Pow-
erFLAT™ package allows a significant reduction in
board space without compromising performance.
APPLICATIONS
s
HIGH EFFICIENCY ISOLATED DC/DC
CONVETERS
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STL35NF10
100 V
< 0.030
Ω
35 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
100
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuos) at TC = 25°C
Drain Current (continuos) at TC = 100°C
35
22
A
A
IDM (q)
Drain Current (pulsed)
140
A
PTOT
Total Dissipation at TC = 25°C
80
W
Derating Factor
0.64
W/°C
EAS (1)
Single Pulse Avalanche Energy
135
mJ
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
–55 to 150
°C
(1) Starting Tj = 25°C, ID = 35A, VDD = 50V
PowerFLAT™(6x5)
(Chip Scale Package)
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STL35NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL35NF3LL STMICROELECTRONICS-STL35NF3LL Datasheet
183Kb / 6P
N-CHANNEL 30V - 0.0055ohm - 35A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Oct-2001
More results

Similar Description - STL35NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD25NF10 STMICROELECTRONICS-STD25NF10 Datasheet
437Kb / 9P
N-CHANNEL 100V - 0.033ohm - 25A DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
May-2002
STL22NF10 STMICROELECTRONICS-STL22NF10 Datasheet
324Kb / 8P
N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT™ LOW GATE CHARGE STripFET™ II MOSFET
Feb-2003
STL28NF3LL STMICROELECTRONICS-STL28NF3LL Datasheet
117Kb / 6P
N-CHANNEL 30V - 0.0055ohm - 28A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Nov-2002
STL30NF3LL STMICROELECTRONICS-STL30NF3LL Datasheet
169Kb / 6P
N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Nov-2001
STL34NF06 STMICROELECTRONICS-STL34NF06 Datasheet
114Kb / 6P
N-CHANNEL 60V - 0.024ohm - 34A PowerFLAT™ LOW GATE CHARGE STripFET™ II MOSFET
Nov-2002
STL35NF3LL STMICROELECTRONICS-STL35NF3LL Datasheet
183Kb / 6P
N-CHANNEL 30V - 0.0055ohm - 35A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Oct-2001
STL27N15 STMICROELECTRONICS-STL27N15 Datasheet
132Kb / 6P
N-CHANNEL 150V - 0.045 W - 27A PowerFLAT LOW GATE CHARGE STripFET MOSFET
Jun-2003
STL8NH3LL STMICROELECTRONICS-STL8NH3LL_06 Datasheet
285Kb / 12P
N-channel 30V - 0.012ohm - 8A - PowerFLAT Ultra low gate charge STripFET Power MOSFET
14-Mar-2006
STL20NF20 STMICROELECTRONICS-STL20NF20 Datasheet
777Kb / 12P
N-channel 200 V, 0.10 Ω, 15 A PowerFLAT™ (5x6) low gate charge STripFET™ Power MOSFET
11-Dec-2009
STP80NF10FP STMICROELECTRONICS-STP80NF10FP Datasheet
226Kb / 12P
N-channel 100V - 0.012Ω - 38A - TO-220FP Low gate charge STripFET™ II Power MOSFET
11-Apr-2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com