Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL35NF10 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL35NF10
Description  N-CHANNEL 100V - 0.025ohm - 35A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL35NF10 Datasheet(HTML) 5 Page - STMicroelectronics

  STL35NF10 Datasheet HTML 1Page - STMicroelectronics STL35NF10 Datasheet HTML 2Page - STMicroelectronics STL35NF10 Datasheet HTML 3Page - STMicroelectronics STL35NF10 Datasheet HTML 4Page - STMicroelectronics STL35NF10 Datasheet HTML 5Page - STMicroelectronics STL35NF10 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
STL35NF10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
1.00
0.031
0.039
A1
0.08
0.003
b
0.36
0.48
0.014
0.018
D
4.89
0.191
D2
3.95
4.05
0.154
0.158
E
6.00
0.235
E2
2.95
3.05
0.115
0.119
e
1.27
0.049
L
0.65
0.85
0.025
0.033
PowerFLAT™(6x5) MECHANICAL DATA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com