Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS507CD Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS507CD
Description  High precision rail-to-rail operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507CD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS507CD Datasheet HTML 6Page - STMicroelectronics TS507CD Datasheet HTML 7Page - STMicroelectronics TS507CD Datasheet HTML 8Page - STMicroelectronics TS507CD Datasheet HTML 9Page - STMicroelectronics TS507CD Datasheet HTML 10Page - STMicroelectronics TS507CD Datasheet HTML 11Page - STMicroelectronics TS507CD Datasheet HTML 12Page - STMicroelectronics TS507CD Datasheet HTML 13Page - STMicroelectronics TS507CD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical characteristics
TS507
10/20
Figure 1.
Input offset voltage distribution for
Vicm≤ VCC-1.2V at T=25°C
Figure 2.
Input offset voltage distribution vs.
temperature for Vicm≤ VCC-1.2V
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
25
30
Vio distribution at T=25°C for 0V<=Vicm<=Vcc-1.2V
Input offset voltage (µV)
-50 -40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90 100 110 120 130
-400
-350
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
400
0V<=Vicm<=Vcc-1.2V
Temperature (°C)
Figure 3.
Input offset voltage distribution vs.
temperature for Vicm ≥ VCC-0.8V
Figure 4.
Input offset voltage distribution for
Vicm ≤ VCC-1.2V at T=25°C after HTB
-50 -40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90 100 110 120 130
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
Vcc-0.8V<=Vicm<=Vcc
Temperature (°C)
-100
-80
-60
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
35
40
45
Input offset voltage (µV)
Vio distribution at T=25°C for 0V<=Vicm<=Vcc-1.2V
after HTB (1000 hours at 125°C)
Figure 5.
Input offset voltage distribution for
Vicm ≤ VCC-1.2V at T=25°C after THB
Figure 6.
Input offset voltage vs. input
common mode voltage at T=25°C
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
25
30
35
Vio distribution at T=25°C for 0V<=Vicm<=Vcc-1.2V
after THB (1000 hours at 85°C, humidity 85%)
Input offset voltage (µV)
-2.5
-2.5
-2.0
-2.0
-1.5
-1.5
-1.0
-1.0
-0.5
-0.5
0.0
0.0
-100
-100
-80
-80
-60
-60
-40
-40
-20
-20
0
0
20
20
40
40
Vcc=2.7V
Vcc=5.5V
Vcc=5V
Vcc=3.3V
Vicm -Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com