Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS507CD Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS507CD
Description  High precision rail-to-rail operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507CD Datasheet(HTML) 1 Page - STMicroelectronics

  TS507CD Datasheet HTML 1Page - STMicroelectronics TS507CD Datasheet HTML 2Page - STMicroelectronics TS507CD Datasheet HTML 3Page - STMicroelectronics TS507CD Datasheet HTML 4Page - STMicroelectronics TS507CD Datasheet HTML 5Page - STMicroelectronics TS507CD Datasheet HTML 6Page - STMicroelectronics TS507CD Datasheet HTML 7Page - STMicroelectronics TS507CD Datasheet HTML 8Page - STMicroelectronics TS507CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
April 2008
Rev 5
1/20
20
TS507
High precision rail-to-rail operational amplifier
Features
■ Ultra low offset voltage: 25 µV typ, 100 µV max
■ Rail-to-rail input/output voltage swing
■ Operating from 2.7 V to 5.5 V
■ High speed: 1.9 MHz
■ 45° phase margin with 100 pF
■ Low consumption: 0.8 mA at 2.7 V
■ Very large signal voltage gain: 131 dB
■ High power supply rejection ratio: 105 dB
■ Very high ESD protection 5kV (HBM)
■ Latch-up immunity
■ Available in SOT23-5 micropackage
Applications
■ Battery-powered applications
■ Portable devices
■ Signal conditioning
■ Medical instrumentation
Description
The TS507 is a high performance rail-to-rail input
and output amplifier with very low offset voltage.
This amplifier uses a new trimming technique that
yields ultra low offset voltages without any need
for external zeroing.
The circuit offers very stable electrical
characteristics over the entire supply voltage
range, and is particularly intended for automotive
and industrial applications.
The TS507 is housed in the space-saving 5-pin
SOT23 package, making it well suited for battery-
powered systems. This micropackage simplifies
the PC board design because of its ability to be
placed in tight spaces (external dimensions are
2.8 mm x 2.9 mm).
VDD
VCC
1
2
3
5
4
8
7
6
N.C.
N.C.
Non Inverting Input
Inverting Input
Output
+
_
N.C.
VDD
VCC
1
2
3
5
4
8
7
6
N.C.
N.C.
Non Inverting Input
Inverting Input
Output
+
_
N.C.
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
Pin connections (top view)
SOT23-5
SO-8
www.st.com


Similar Part No. - TS507CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS507 STMICROELECTRONICS-TS507 Datasheet
190Kb / 9P
High Precision Rail-to-Rail Operational Amplifier
TS5070 STMICROELECTRONICS-TS5070 Datasheet
284Kb / 32P
PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
Dec-1997
TS5070FN STMICROELECTRONICS-TS5070FN Datasheet
284Kb / 32P
PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
Dec-1997
TS5070FNTR STMICROELECTRONICS-TS5070FNTR Datasheet
284Kb / 32P
PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
Dec-1997
TS5071 STMICROELECTRONICS-TS5071 Datasheet
284Kb / 32P
PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
Dec-1997
More results

Similar Description - TS507CD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TS507 STMICROELECTRONICS-TS507 Datasheet
190Kb / 9P
High Precision Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712 Datasheet
47Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
National Semiconductor ...
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
ADL Embedded Solutions
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com