Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5070 Datasheet (PDF) - STMicroelectronics

TS5070 Datasheet PDF - STMicroelectronics
Part # TS5070
Download  TS5070 Download
File Size   284.41 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION

TS5070 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS5070 Datasheet PDF - STMicroelectronics

Part # TS5070
Download  TS5070 Click to download

File Size   284.41 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION

TS5070 Datasheet (HTML) - STMicroelectronics


TS5070 Product details

DESCRIPTION

The TS5070 series are the second generation combined PCM CODEC and Filter devices optimized for digital switching applications on subscriber and trunk line cards.



■ COMPLETE CODEC AND FILTER SYSTEM INCLUDING :

   – TRANSMIT AND RECEIVE PCM CHANNEL FILTERS

   – µ-LAW OR A-LAW COMPANDING CODER AND DECODER

   – RECEIVE POWER AMPLIFIER DRIVES 300 Ω

   – 4.096 MHz SERIAL PCM DATA (max)

■ PROGRAMMABLE FUNCTIONS :

   – TRANSMIT GAIN : 25.4 dB RANGE, 0.1 dB STEPS

   – RECEIVE GAIN : 25.4 dB RANGE, 0.1 dB STEPS

   – HYBRID BALANCE CANCELLATION FILTER

   – TIME-SLOT ASSIGNMENT: UP TO 64 SLOTS/FRAME

   – 2 PORT ASSIGNMENT (TS5070)

   – 6 INTERFACE LATCHES (TS5070)

   – A OR µ-LAW

   – ANALOG LOOPBACK

   – DIGITAL LOOPBACK

■ DIRECT INTERFACE TO SOLID-STATE SLICs

■ SIMPLIFIES TRANSFORMER SLIC, SINGLE WINDING SECONDARY

■ STANDARD SERIAL CONTROL INTERFACE

■ 80 mW OPERATING POWER (typ)

■ 1.5mW STANDBY POWER (typ)

■ MEETS OR EXCEEDS ALL CCITT AND LSSGR SPECIFICATIONS

■ TTL AND CMOS COMPATIBLE DIGITAL IN TERFACES



 




Similar Part No. - TS5070

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS507 STMICROELECTRONICS-TS507 Datasheet
190Kb / 9P
High Precision Rail-to-Rail Operational Amplifier
TS507 STMICROELECTRONICS-TS507 Datasheet
280Kb / 20P
High precision rail-to-rail operational amplifier
08-Apr-2008
TS507CD STMICROELECTRONICS-TS507CD Datasheet
280Kb / 20P
High precision rail-to-rail operational amplifier
08-Apr-2008
TS507CDT STMICROELECTRONICS-TS507CDT Datasheet
280Kb / 20P
High precision rail-to-rail operational amplifier
08-Apr-2008
TS507CLT STMICROELECTRONICS-TS507CLT Datasheet
280Kb / 20P
High precision rail-to-rail operational amplifier
08-Apr-2008
More results


Similar Description - TS5070

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
COMBO II Programmable PCM CODEC/Filter
logo
STMicroelectronics
STLC5046 STMICROELECTRONICS-STLC5046 Datasheet
207Kb / 27P
PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
Dec-1999
logo
Samsung semiconductor
KB9224 SAMSUNG-KB9224 Datasheet
450Kb / 55P
VIDEO-CD 2ND GENERATION
logo
National Semiconductor ...
TP3051 NSC-TP3051 Datasheet
414Kb / 10P
PARALLEL INTERFACE CODEC/FILTER COMBO
logo
ATMEL Corporation
ATF15XXAE ATMEL-ATF15XXAE Datasheet
1Mb / 76P
2nd Generation EE Complex Programmable Logic Devices
logo
Samsung semiconductor
S1L9224X01 SAMSUNG-S1L9224X01 Datasheet
385Kb / 55P
VIDEO-CD 2ND GENERATION
logo
Emerson Network Power
EIGHTH-BRICKIBC EMERSON-NETWORKPOWER-EIGHTH-BRICKIBC Datasheet
654Kb / 3P
2nd Generation IBC
QB2GIBC EMERSON-NETWORKPOWER-QB2GIBC Datasheet
329Kb / 4P
2nd Generation IBC
logo
Texas Instruments
TP3070V-XG TI1-TP3070V-XG Datasheet
381Kb / 28P
TP3070, TP3071, TP3070-X COMBO II Programmable PCM CODEC/Filter
logo
AAEON Technology
EMB-Q77A AAEON-EMB-Q77A Datasheet
454Kb / 2P
Intel짰 3rd/2nd Generation Core?
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com