Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5070 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS5070
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS5070 Datasheet(HTML) 4 Page - STMicroelectronics

  TS5070 Datasheet HTML 1Page - STMicroelectronics TS5070 Datasheet HTML 2Page - STMicroelectronics TS5070 Datasheet HTML 3Page - STMicroelectronics TS5070 Datasheet HTML 4Page - STMicroelectronics TS5070 Datasheet HTML 5Page - STMicroelectronics TS5070 Datasheet HTML 6Page - STMicroelectronics TS5070 Datasheet HTML 7Page - STMicroelectronics TS5070 Datasheet HTML 8Page - STMicroelectronics TS5070 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
PIN CONNECTIONS
POWER SUPPLY, CLOCK
Name
Pin
Type
TS5070
FN
TS5071
N
Function
Description
VCC
VSS
GND
S
S
S
27
3
1
19
3
1
Positive Power
Supply
Negative
Power Supply
Ground
+5 V
± 5%
–5V
± 5%
All analog and digital signals are referenced to this pin.
BCLK
I
16
12
Bit Clock
Bit clock input used to shift PCM data into and out of the
DR and DX pins. BCLK may vary from 64 kHz to 4.096
MHz in 8 kHz increments, and must be synchronous with
MCLK (TS5071 only).
MCLK
I
17
12
Master Clock
Master clock input used by the switched capacitor filters
and the encoder and decoder sequencing logic. Must be
512 kHz, 1. 536/1. 544 MHz,
2.048 MHz or 4.096 MHz and synchronous with BCLK.
BCLK and MCLK are wired together in the TS5071.
PLCC28
TS5070FN
DIP20
TS5071N
TS5070 - TS5071
4/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com