Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5070 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS5070
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS5070 Datasheet(HTML) 1 Page - STMicroelectronics

  TS5070 Datasheet HTML 1Page - STMicroelectronics TS5070 Datasheet HTML 2Page - STMicroelectronics TS5070 Datasheet HTML 3Page - STMicroelectronics TS5070 Datasheet HTML 4Page - STMicroelectronics TS5070 Datasheet HTML 5Page - STMicroelectronics TS5070 Datasheet HTML 6Page - STMicroelectronics TS5070 Datasheet HTML 7Page - STMicroelectronics TS5070 Datasheet HTML 8Page - STMicroelectronics TS5070 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TS5070
TS5071
PROGRAMMABLE CODEC/FILTER
COMBO 2ND GENERATION
COMPLETE CODEC AND FILTER SYSTEM
INCLUDING :
– TRANSMIT AND RECEIVE PCM CHANNEL
FILTERS
–
µ-LAW OR A-LAW COMPANDING CODER
AND DECODER
– RECEIVE POWER AMPLIFIER DRIVES
300
Ω
– 4.096 MHz SERIAL PCM DATA (max)
PROGRAMMABLE FUNCTIONS :
– TRANSMIT GAIN : 25.4 dB RANGE, 0.1 dB
STEPS
– RECEIVE GAIN : 25.4 dB RANGE, 0.1 dB
STEPS
– HYBRID BALANCE CANCELLATION FIL-
TER
– TIME-SLOT ASSIGNMENT: UP TO
64
SLOTS/FRAME
– 2 PORT ASSIGNMENT (TS5070)
– 6 INTERFACE LATCHES (TS5070)
–A OR
µ-LAW
– ANALOG LOOPBACK
– DIGITAL LOOPBACK
DIRECT
INTERFACE
TO
SOLID-STATE
SLICs
SIMPLIFIES TRANSFORMER SLIC, SINGLE
WINDING SECONDARY
STANDARD SERIAL CONTROL INTERFACE
80 mW OPERATING POWER (typ)
1.5mW STANDBY POWER (typ)
MEETS OR EXCEEDS ALL CCITT AND
LSSGR SPECIFICATIONS
TTL AND CMOS COMPATIBLE DIGITAL IN-
TERFACES
DESCRIPTION
The TS5070 series are the second generationcom-
bined PCM CODEC and Filter devices optimized
for digital switching applications on subscriber and
trunk line cards.
Using advanced switched capacitor techniques the
TS5070 and TS5071 combine transmit bandpass
and receive lowpass channel filters with a com-
panding PCM encoder and decoder. The devices
are A-law and
µ-law selectable and employ a con-
ventional serial PCM interface capable of being
clocked up to 4.096 MHz. A number of programma-
ble functions may be controlled via a serial control
port.
Channel gains are programmable over a 25.4 dB
range in each direction, and a programmable filter
is included to enable Hybrid Balancing to be ad-
justed to suit a wide range of loop impedance con-
ditions.
Both transformer and active SLIC interface circuits
with real or complex termination impedances can
be balanced by this filter, with cancellation in ex-
cess of 30 dB being readily achievable when meas-
ured across the passbandagainst standardtest ter-
mination networks.
To enable COMBO IIG to interface to the SLIC con-
trol leads, a number of programmable latches are
included ; each may be configured as either an in-
put or an output. The TS5070 provides 6 latches
and the TS5071 5 latches.
December 1997
DIP20 (Plastic)
ORDERING NUMBER:TS5071N
PLCC28
ORDERING NUMBERS: TS5070FN
TS5070FNTR
1/32


Similar Part No. - TS5070

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS507 STMICROELECTRONICS-TS507 Datasheet
190Kb / 9P
High Precision Rail-to-Rail Operational Amplifier
TS507 STMICROELECTRONICS-TS507 Datasheet
280Kb / 20P
High precision rail-to-rail operational amplifier
08-Apr-2008
TS507CD STMICROELECTRONICS-TS507CD Datasheet
280Kb / 20P
High precision rail-to-rail operational amplifier
08-Apr-2008
TS507CDT STMICROELECTRONICS-TS507CDT Datasheet
280Kb / 20P
High precision rail-to-rail operational amplifier
08-Apr-2008
TS507CLT STMICROELECTRONICS-TS507CLT Datasheet
280Kb / 20P
High precision rail-to-rail operational amplifier
08-Apr-2008
More results

Similar Description - TS5070

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
COMBO II Programmable PCM CODEC/Filter
logo
STMicroelectronics
STLC5046 STMICROELECTRONICS-STLC5046 Datasheet
207Kb / 27P
PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
Dec-1999
logo
Samsung semiconductor
KB9224 SAMSUNG-KB9224 Datasheet
450Kb / 55P
VIDEO-CD 2ND GENERATION
logo
National Semiconductor ...
TP3051 NSC-TP3051 Datasheet
414Kb / 10P
PARALLEL INTERFACE CODEC/FILTER COMBO
logo
ATMEL Corporation
ATF15XXAE ATMEL-ATF15XXAE Datasheet
1Mb / 76P
2nd Generation EE Complex Programmable Logic Devices
logo
Samsung semiconductor
S1L9224X01 SAMSUNG-S1L9224X01 Datasheet
385Kb / 55P
VIDEO-CD 2ND GENERATION
logo
Emerson Network Power
EIGHTH-BRICKIBC EMERSON-NETWORKPOWER-EIGHTH-BRICKIBC Datasheet
654Kb / 3P
2nd Generation IBC
QB2GIBC EMERSON-NETWORKPOWER-QB2GIBC Datasheet
329Kb / 4P
2nd Generation IBC
logo
Texas Instruments
TP3070V-XG TI1-TP3070V-XG Datasheet
381Kb / 28P
TP3070, TP3071, TP3070-X COMBO II Programmable PCM CODEC/Filter
logo
AAEON Technology
EMB-Q77A AAEON-EMB-Q77A Datasheet
454Kb / 2P
Intel짰 3rd/2nd Generation Core?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com