Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS512 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS512
Description  Precision dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS512 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS512 Datasheet HTML 2Page - STMicroelectronics TS512 Datasheet HTML 3Page - STMicroelectronics TS512 Datasheet HTML 4Page - STMicroelectronics TS512 Datasheet HTML 5Page - STMicroelectronics TS512 Datasheet HTML 6Page - STMicroelectronics TS512 Datasheet HTML 7Page - STMicroelectronics TS512 Datasheet HTML 8Page - STMicroelectronics TS512 Datasheet HTML 9Page - STMicroelectronics TS512 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
TS512
6/16
Figure 2.
Vio distribution at VCC= ±15V and
T= 25°C
Figure 3.
Vio distribution at VCC= ±15V and
T= 125°C
-400
-200
0
200
400
0
5
10
15
20
25
30
V
io
distribution at T = 25 °C
Input offset voltage (µV)
-400
-200
0
200
400
0
5
10
15
20
V
io
distribution at T = 125 °C
Input offset voltage (µV)
Figure 4.
Input offset voltage vs. input
common mode voltage at VCC=10V
Figure 5.
Input offset voltage vs. input
common mode voltage at VCC=30V
1
12
23
34
45
56
67
78
89
9
-0.8
-0.8
-0.6
-0.6
-0.4
-0.4
-0.2
-0.2
0.0
0.0
0.2
0.2
0.4
0.4
T=-40°C
V
cc
= 10 V
T=125°C
T=25°C
Input Common Mode Voltage (V)
0
05
510
10
15
15
20
20
25
25
30
30
-0.6
-0.6
-0.4
-0.4
-0.2
-0.2
0.0
0.0
0.2
0.2
0.4
0.4
T=-40°C
V
cc
= 30 V
T=125°C
T=25°C
Input Common Mode Voltage (V)
Figure 6.
Supply current (per operator) vs.
supply voltage at Vicm=VCC/2
Figure 7.
Supply current (per operator) vs.
input common mode voltage at
VCC=6V
6
69
912
12
15
15
18
18
21
21
24
24
27
27
30
30
0.1
0.2
0.2
0.3
0.4
0.4
0.5
0.6
0.6
T=-40°C
V
icm
= V
cc
/2
T=125°C
T=25°C
Supply voltage (V)
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
3.0
3.0
3.5
3.5
4.0
4.0
4.5
4.5
5.0
5.0
5.5
5.5
6.0
6.0
0.20
0.20
0.25
0.30
0.30
0.35
0.40
0.40
0.45
0.50
0.50
T=-40°C
Follower configuration
V
cc
= 6 V
T=125°C
T=25°C
Input Common Mode Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com