Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS512 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS512
Description  Precision dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS512 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS512 Datasheet HTML 5Page - STMicroelectronics TS512 Datasheet HTML 6Page - STMicroelectronics TS512 Datasheet HTML 7Page - STMicroelectronics TS512 Datasheet HTML 8Page - STMicroelectronics TS512 Datasheet HTML 9Page - STMicroelectronics TS512 Datasheet HTML 10Page - STMicroelectronics TS512 Datasheet HTML 11Page - STMicroelectronics TS512 Datasheet HTML 12Page - STMicroelectronics TS512 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TS512
Electrical characteristics
9/16
Figure 20.
Phase margin vs. output current, at
VCC=6V, Vicm= 3V and T= 25°C
Figure 21.
Phase margin vs. output current, at
VCC=10V, Vicm= 5V and T= 25°C
Figure 22.
Phase margin vs. output current, at
VCC=30V, Vicm= 15V and T= 25°C
-3
-2
-2
-1
0
012
23
-40
-40
-30
-20
-20
-10
0
0
10
20
20
30
40
40
50
60
60
70
Recommended area
C
L
=100 pF
C
L
=330 pF
C
L
=600 pF
V
cc
= 6 V
V
icm
= 3 V
T
amb
= 25 °C
R
L
= 2 k
Ω
Output Current (mA)
-3
-2
-2
-1
0
012
23
-30
-20
-20
-10
0
0
10
20
20
30
40
40
50
60
60
70
Recommended area
C
L
=100 pF
C
L
=330 pF
C
L
=600 pF
V
cc
= 10 V
V
icm
= 5 V
T
amb
= 25 °C
R
L
= 2 k
Ω
Output Current (mA)
-3
-2
-2
-1
0
012
23
-20
-20
-10
0
0
10
20
20
30
40
40
50
60
60
70
Recommended area
C
L
=100 pF
C
L
=330 pF
C
L
=600 pF
V
cc
= 30 V
V
icm
= 15 V
T
amb
= 25 °C
R
L
= 2 k
Ω
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com