Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS514AIYDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS514AIYDT
Description  Precision Quad Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS514AIYDT Datasheet(HTML) 1 Page - STMicroelectronics

  TS514AIYDT Datasheet HTML 1Page - STMicroelectronics TS514AIYDT Datasheet HTML 2Page - STMicroelectronics TS514AIYDT Datasheet HTML 3Page - STMicroelectronics TS514AIYDT Datasheet HTML 4Page - STMicroelectronics TS514AIYDT Datasheet HTML 5Page - STMicroelectronics TS514AIYDT Datasheet HTML 6Page - STMicroelectronics TS514AIYDT Datasheet HTML 7Page - STMicroelectronics TS514AIYDT Datasheet HTML 8Page - STMicroelectronics TS514AIYDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 3
September 2005
1/10
10
TS514 / TS514A
Precision Quad Operational Amplifier
Low input offset voltage: 500
µV max.
Low power consumption.
Short circuit protection.
Low distortion, low noise.
High gain-bandwidth product.
High channel separation.
ESD protection 2kV.
Macromodel included in this specification.
Description
The
TS514
is
a
high-performance
quad
operational amplifier with frequency and phase
compensation built into the chip. The internal
phase compensation allows stable operation as a
voltage follower in spite of its high gain-bandwidth
product.
The
circuit
presents
very
stable
electrical
characteristics over the entire supply voltage
range, and is particularly intended for professional
and telecom applications (active filter, etc.).
Pin Connections (top view)
Order Codes
N
DIP14
(Plastic Package)
D
SO-14
(Plastic Micropackage)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
Part Number
Temperature
Range
Package
Packing
Marking
TS514IN
-40, + 125°C
DIP14
Tube
514IN
TS514AIN
514AIN
TS514ID/IDT
SO-14
Tube
or
Tape & Reel
514I
TS514AID/AIDT
514AI
TS514IYD/IYDT
SO14 (automotive grade
level)
514IY
TS514AIYD/AIYDT
514AIY
www.st.com


Similar Part No. - TS514AIYDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS514AI STMICROELECTRONICS-TS514AI Datasheet
58Kb / 7P
HIGH SPEED PRECISION QUAD OPERATIONAL AMPLIFIERS
Dec-1997
TS514AID STMICROELECTRONICS-TS514AID Datasheet
58Kb / 7P
HIGH SPEED PRECISION QUAD OPERATIONAL AMPLIFIERS
Dec-1997
TS514AID STMICROELECTRONICS-TS514AID Datasheet
818Kb / 16P
Precision quad operational amplifier
07-Nov-2024
TS514AIDT STMICROELECTRONICS-TS514AIDT Datasheet
818Kb / 16P
Precision quad operational amplifier
07-Nov-2024
TS514AIN STMICROELECTRONICS-TS514AIN Datasheet
58Kb / 7P
HIGH SPEED PRECISION QUAD OPERATIONAL AMPLIFIERS
Dec-1997
More results

Similar Description - TS514AIYDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
Precision CMOS Quad Micropower Operational Amplifier
logo
Intersil Corporation
HA-5134 INTERSIL-HA-5134 Datasheet
963Kb / 9P
4MHz, Precision, Quad Operational Amplifier
August 1998
logo
Linear Technology
RH1014M LINER-RH1014M Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
logo
Intersil Corporation
HA-5134883 INTERSIL-HA-5134883 Datasheet
123Kb / 5P
Precision Quad Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
Precision CMOS Quad Operational Amplifier
logo
Intersil Corporation
HA-5134 INTERSIL-HA-5134_01 Datasheet
872Kb / 9P
4MHz, Precision, Quad Operational Amplifier
July 2001
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP Datasheet
630Kb / 21P
QUAD PRECISION OPERATIONAL AMPLIFIER
logo
Linear Technology
RH1014M LINER-RH1014M_15 Datasheet
115Kb / 6P
Quad Precision Operational Amplifier
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP_15 Datasheet
684Kb / 22P
QUAD PRECISION OPERATIONAL AMPLIFIER
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
Quad Micropower, 1.6V, Precision, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com