Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS514AIYDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS514AIYDT
Description  Precision Quad Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS514AIYDT Datasheet(HTML) 4 Page - STMicroelectronics

  TS514AIYDT Datasheet HTML 1Page - STMicroelectronics TS514AIYDT Datasheet HTML 2Page - STMicroelectronics TS514AIYDT Datasheet HTML 3Page - STMicroelectronics TS514AIYDT Datasheet HTML 4Page - STMicroelectronics TS514AIYDT Datasheet HTML 5Page - STMicroelectronics TS514AIYDT Datasheet HTML 6Page - STMicroelectronics TS514AIYDT Datasheet HTML 7Page - STMicroelectronics TS514AIYDT Datasheet HTML 8Page - STMicroelectronics TS514AIYDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics
TS514 / TS514A
4/10
3
Electrical Characteristics
Table 3.
VCC = ±15V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Icc
Supply Current
1.4
2.4
mA
Iib
Input Bias Current
– at 25°C
–at Tmin ≤Top ≤Tmax
50
150
300
nA
Ri
Input Resistance, f = 1kHz
1
M
Ω
Vio
Input Offset Voltage
– at 25°C:
TS514
TS514A
–at Tmin ≤Top ≤Tmax
TS514
TS514A
0.5
2.5
0.5
4
1.5
mV
∆V
io
Input Offset Voltage Drift at Tmin ≤Top ≤Tmax
5
µV/°C
Iio
Input Offset Current
at 25°C
at Tmin ≤Top ≤Tmax
520
40
nA
∆I
io
Input Offset Current Drift
Tmin ≤Top ≤Tmax
0.08
Ios
Output Short Circuit Current
23
mA
Avd
Large Signal Voltage Gain, RL = 2kΩ
Vcc = ±15V
Vcc = ± 4V
90
100
95
dB
GBP
Gain-bandwidth Product, f = 100kHz
1.8
3
MHz
en
Equivalent Input Noise Voltage, f = 1kHz
Rs = 50
Ω
Rs = 1k
Ω
Rs = 10k
Ω
8
10
18
15
THD
Total Harmonic Distortion
Av = 20dB, RL = 2kΩ, Vo = 2Vpp, f = 1kHz
0.03
0.1
%
±Vopp
Output Voltage Swing, RL = 2kΩ
Vcc = ±15V
Vcc = ± 4V
±13
±3
V
Vopp
Large Signal Voltage Swing, RL = 10kΩ, f = 10kHz
28
Vpp
SR
Slew Rate, unity gain, RL = 2kΩ
0.8
1.5
V/
µs
CMR
Common Mode Rejection Ratio, Vic = 10V
90
dB
SVR
Supply Voltage Rejection Ratio, dVic = 10V, f = 100Hz
90
dB
Vo1/Vo2 Channel Separation, f = 1kHz
120
dB
nA
° C
-------
nV
Hz
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com