Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1PD Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC1PD
Description  LED LAMPS CLUSTER DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1PD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC1PD Datasheet HTML 8Page - STMicroelectronics STLC1PD Datasheet HTML 9Page - STMicroelectronics STLC1PD Datasheet HTML 10Page - STMicroelectronics STLC1PD Datasheet HTML 11Page - STMicroelectronics STLC1PD Datasheet HTML 12Page - STMicroelectronics STLC1PD Datasheet HTML 13Page - STMicroelectronics STLC1PD Datasheet HTML 14Page - STMicroelectronics STLC1PD Datasheet HTML 15Page - STMicroelectronics STLC1PD Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
STLC1
14/16
PCB BOM
REFERENCE
DESCRIPTION
L1, L2
VK200
C4, C5, C6
22
µF-35V Electrolytic Capacitor Low ESR
C16
220nF-35V Ceramic Capacitor X7R Dielectric
C7
47
µF-35V Electrolytic Capacitor
C1, C2
4.7nF-35V Ceramic Capacitor X7R Dielectric
C8, C9
220
µF-35V Electrolytic Capacitor Low ESR
C14
560pF
C18
560pF-50V
C11
1
µF-35V Tantalium Capacitor
C12
220pF Ceramic Capacitor
R10
9.1k
Ω Resistor 125mW 0.1%
R11
1.3k
Ω Resistor 125mW 0.1%
R15
4.7k
Ω Resistor 125mW 5%
R16
56
Ω Resistor 125mW 5%
R18
10
Ω Resistor 250mW 5%
R12, R13, R14
1.2k
Ω Resistor 125mW 5%
R4, R6, R8
2.2
Ω Resistor 1W 5%
R5, R7, R9
1
Ω Resistor 1W 5%
TR1
10k
Ω Trimmer
RLP
1.5k
Ω Resistor 125mW 5%
D1
Schottky Diode STPS3L40S
DLP
Led Diode
T1
SEPIC inductor, Toroid Horizontal THT 20
µH@10ADC, 200-250KHz
JP1, JP2, JP3
Jumper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com