Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1PD Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC1PD
Description  LED LAMPS CLUSTER DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1PD Datasheet(HTML) 4 Page - STMicroelectronics

  STLC1PD Datasheet HTML 1Page - STMicroelectronics STLC1PD Datasheet HTML 2Page - STMicroelectronics STLC1PD Datasheet HTML 3Page - STMicroelectronics STLC1PD Datasheet HTML 4Page - STMicroelectronics STLC1PD Datasheet HTML 5Page - STMicroelectronics STLC1PD Datasheet HTML 6Page - STMicroelectronics STLC1PD Datasheet HTML 7Page - STMicroelectronics STLC1PD Datasheet HTML 8Page - STMicroelectronics STLC1PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
STLC1
4/16
TYPICAL APPLICATION CIRCUIT
ELECTRICAL CHARACTERISTICS FOR SMPD SECTION (TJ=-40 to 125°C unless otherwise specified.
Typical values are referred at TJ=25°C, VB+=14V)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VB+
Supply Operating Voltage
Normal Operating Range
9
24
V
Normal Operating Range - TAIL only
6
24
VSD
B+ Input Overvoltage
Shutdown
28
30
32
V
ISQ
Total Off State Quiescent
Current
VB+ =14V,
VTURN =VSTOP =VTAIL
=0V
120
180
µA
fosc
PWM Oscillator Frequency VB+ = 14V
140
180
240
kHz
RP(on)
Static drain to ground
SMPS N-channel switch
on resistance
VB+ =9V,
IP-OUT=4A
180
m
Ω
VB+ =14V,
IP-OUT=4A
170
m
Ω
ID(off)
P-OUT Off State leakage
Current
VB+ = 16V,
20
µA
ILIMIT
IP-OUT Current Limit
VB+ =14V,
VFDBK = 1V
8
12
16
A
tSMPS-ON
SMPS Turn On Delay
CREF =1µF (see note 1,4 and Fig 1, 2)
1.6
ms
VLOAD
Load Regulation
VB+ =14V,
IOUT = 0.6 to 3A
VOUT =10V
60
mV
VLINE
Line Regulation
VB+ = 9 to 16V, IOUT = 1.5A
VOUT =10V
15
mV
GND
LMP-OUT
TS-PWM
P-OUT
FDBK
TURN
STOP
TAIL
B+
GND
Iout
TURN
TAIL
STOP
RLR
RLS
RLT
GND
TR-DRV
TR-L
ST-DRV
ST-L
TL-DRV
TL-L
CNTL
REF
GND
R
TR
R
TS
R
TT
RC1
RC2
C
REF
IP-OUT
C
SEPIC
C
OUT
OUT
RF1
RF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com