Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS982 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS982
Description  Wide bandwidth dual bipolar operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS982 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS982 Datasheet HTML 3Page - STMicroelectronics TS982 Datasheet HTML 4Page - STMicroelectronics TS982 Datasheet HTML 5Page - STMicroelectronics TS982 Datasheet HTML 6Page - STMicroelectronics TS982 Datasheet HTML 7Page - STMicroelectronics TS982 Datasheet HTML 8Page - STMicroelectronics TS982 Datasheet HTML 9Page - STMicroelectronics TS982 Datasheet HTML 10Page - STMicroelectronics TS982 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TS982
Electrical characteristics
7/20
Figure 1.
Current consumption vs. supply
voltage
Figure 2.
Voltage drop vs. output sourcing
current
Ta=-40 C
Ta=125 C
Ta=25 C
No load
Vcc = 2.7V to 5V
Vicm = Vcc/2
Vid = 100mV
Output Sourcing
Testboard PCB
Figure 3.
Voltage drop vs. output sinking
current
Figure 4.
Voltage drop vs. supply voltage
(sourcing)
Vcc = 2.7V to 5V
Vicm = Vcc/2
Vid = 100mV
Output Sinking
Testboard PCB
Vicm = Vcc/2
Vid = 100mV
Isource = 200mA
Testboard
Figure 5.
Voltage drop vs. supply voltage
(sinking)
Figure 6.
Voltage drop vs. temperature
(Iout =50mA)
Vicm = Vcc/2
Vid = 100mV
Isink = 200mA
Testboard
Vcc = 5V
Vicm = Vcc/2
Vid = 100mV
Iout= 50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com