Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS982 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS982
Description  Wide bandwidth dual bipolar operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS982 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS982 Datasheet HTML 10Page - STMicroelectronics TS982 Datasheet HTML 11Page - STMicroelectronics TS982 Datasheet HTML 12Page - STMicroelectronics TS982 Datasheet HTML 13Page - STMicroelectronics TS982 Datasheet HTML 14Page - STMicroelectronics TS982 Datasheet HTML 15Page - STMicroelectronics TS982 Datasheet HTML 16Page - STMicroelectronics TS982 Datasheet HTML 17Page - STMicroelectronics TS982 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Application information
TS982
14/20
3
Application information
3.1
Exposed-pad package description
The dual operational amplifier TS982 is housed in an SO-8 exposed-pad plastic package.
As shown in Figure 40, the die is mounted and glued on a lead frame. This lead frame is
exposed as a thermal pad on the underside of the package. The thermal contact is direct
with the die and therefore, offers an excellent thermal performance in comparison with the
common SO packages. The thermal contact between the die and the exposed-pad is
characterized using the parameter Rthjc.
Figure 40.
Exposed-pad plastic package
As 90% of the heat is removed through the pad, the thermal dissipation of the circuit is
directly linked to the copper area soldered to the pad. In other words, the Rthja depends on
the copper area and the number of layers of the printed circuit board under the pad.
Figure 41.
TS982 test board layout: 6 cm2 of copper topside
3.2
Exposed-pad electrical connection
In the SO-8 exposed-pad package, the silicon die is mounted on the thermal pad (see
Figure 40). The silicon substrate is not directly connected to the pad because of the glue.
Therefore, the copper area of the exposed-pad must be connected to the substrate voltage
(VCC
-) pin 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com