Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC101 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSC101
Description  High side current sense amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC101 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSC101_1 Datasheet HTML 3Page - STMicroelectronics TSC101_1 Datasheet HTML 4Page - STMicroelectronics TSC101_1 Datasheet HTML 5Page - STMicroelectronics TSC101_1 Datasheet HTML 6Page - STMicroelectronics TSC101_1 Datasheet HTML 7Page - STMicroelectronics TSC101_1 Datasheet HTML 8Page - STMicroelectronics TSC101_1 Datasheet HTML 9Page - STMicroelectronics TSC101_1 Datasheet HTML 10Page - STMicroelectronics TSC101_1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TSC101
Electrical characteristics
7/17
Figure 2.
Supply current vs. supply voltage
(Vsense= 0V)
Figure 3.
Supply current vs. Vsense
Figure 4.
Vp pin input bias current vs. Vsense Figure 5.
Vm pin input bias current vs. Vsense
Figure 6.
Minimum common mode operating
voltage vs. temperature
100
120
140
160
180
200
220
240
260
0
5
10
15
20
25
30
VCC (V)
T=- 40°C
T=25°C
T=125°C
0
50
100
150
200
250
300
350
400
450
500
-120
-80
-40
0
40
80
120
Vsense (mV)
T=- 40°C
T=25°C
T=125°C
0
5
10
15
20
25
30
35
40
45
-120
-80
-40
0
40
80
120
Vsense (mV)
T=- 40°C
T=25°C
T=125°C
0
1
2
3
4
5
6
7
8
9
10
-120
-80
-40
0
40
80
120
Vsense (mV)
T=- 40°C
T=25°C
T=125°C
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
-50
-25
0
25
50
75
100
125
T (°C)
VCC=5V
VCC=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com