Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC101 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSC101
Description  High side current sense amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC101 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSC101_1 Datasheet HTML 9Page - STMicroelectronics TSC101_1 Datasheet HTML 10Page - STMicroelectronics TSC101_1 Datasheet HTML 11Page - STMicroelectronics TSC101_1 Datasheet HTML 12Page - STMicroelectronics TSC101_1 Datasheet HTML 13Page - STMicroelectronics TSC101_1 Datasheet HTML 14Page - STMicroelectronics TSC101_1 Datasheet HTML 15Page - STMicroelectronics TSC101_1 Datasheet HTML 16Page - STMicroelectronics TSC101_1 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TSC101
Parameter definitions
13/17
Output voltage accuracy
The output voltage accuracy is the difference between the actual output voltage and the
theoretical output voltage. Ideally, the current sensing output voltage should be equal to the
input differential voltage multiplied by the theoretical gain, as in the following formula:
Vout-th=Av . Vsense
The actual value is very slightly different, mainly due to the effects of:
●
the input offset voltage Vos,
●
non-linearity
Figure 22.
Vout vs. Vsense theoretical and actual characteristics
The output voltage accuracy, expressed in percentage, can be calculated with the following
formula:
with Av=20V/V for TSC101A, Av=50V/V for TSC101B and Av=100V/V for TSC101C.
Vout accuracy for Vsense= 10mV
Vsense
Vout
10mV
ideal
actual
ΔV
out
abs V
out
A
v
V
sense
⋅
()
–
()
A
v
V
sense
⋅
--------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com