Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC888 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSC888
Description  Low cost high-side current sense amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC888 Datasheet(HTML) 4 Page - STMicroelectronics

  TSC888 Datasheet HTML 1Page - STMicroelectronics TSC888 Datasheet HTML 2Page - STMicroelectronics TSC888 Datasheet HTML 3Page - STMicroelectronics TSC888 Datasheet HTML 4Page - STMicroelectronics TSC888 Datasheet HTML 5Page - STMicroelectronics TSC888 Datasheet HTML 6Page - STMicroelectronics TSC888 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Electrical characteristics
TSC888
4/7
3
Electrical characteristics
The electrical characteristics given in the following tables are measured under the following
test conditions unless otherwise specified:
Tamb=25°C, Vcc=5V, Vsense=Vp-Vm=50mV, Vm=12V, no load on Out
Table 4.
Supply
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICC
Total supply current
Vsense = 0
1
mA
Table 5.
Input
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
CMR
DC common mode rejection
Variation of Vout versus Vicm
referred to input
2.8V< Vicm < 24V
Vsense= 30mV
95
dB
SVR
Supply voltage rejection
Variation of Vout versus Vcc
referred to input
4.0V< VCC < 24V
Vsense= 30mV
95
dB
Ilk
Input leakage current
Vcc=0V
1
µA
Iib
Input bias current
Vsense=0V
5.5
8
µA
Table 6.
Output
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Av
Gain
TSC888A
TSC888B
TSC888C
20
50
100
V/V
ΔVout
Total output voltage accuracy
±6
%
Isc
Short-circuit current
OUT connected to VCC or
GND
2mA
VOH
Output stage high-state saturation
voltage
VOH=VCC-Vout
Vsense=1V
Iout=1mA
0.8
1
V
VOL
Output stage low-state saturation
voltage
Vsense=-1V
Iout=1mA
50
100
mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com