Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC888 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSC888
Description  Low cost high-side current sense amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC888 Datasheet(HTML) 1 Page - STMicroelectronics

  TSC888 Datasheet HTML 1Page - STMicroelectronics TSC888 Datasheet HTML 2Page - STMicroelectronics TSC888 Datasheet HTML 3Page - STMicroelectronics TSC888 Datasheet HTML 4Page - STMicroelectronics TSC888 Datasheet HTML 5Page - STMicroelectronics TSC888 Datasheet HTML 6Page - STMicroelectronics TSC888 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
June 2008
Rev 1
1/7
7
TSC888
Low cost high-side current sense amplifier
Features
■ Independent supply and input common-mode
voltages
■ Wide common-mode operating range: 2.8 V to
24 V
■ Wide supply voltage range: 4 to 24 V
■ Low current consumption: ICC max = 1 mA
■ Internally fixed gain: 20 V/V, 50 V/V or 100 V/V
■ Buffered output
Applications
■ Desktop computers and servers SMPS
■ Photovoltaic/solar systems
■ Battery chargers
■ Notebook computers
■ DC motor control
Description
The TSC888 measures a small differential voltage
on a high-side shunt resistor and translates it into
a ground-referenced output voltage. The gain is
internally fixed.
Wide input common-mode voltage range, low
quiescent current, and tiny SOT23-5 packaging
make the TSC888 ideal for use in a wide variety
of applications.
Input common-mode and power supply voltages
are independent. Common-mode voltage can
range from 2.8 V to 24 V in operating conditions.
Current consumption lower than 1 mA and wide
supply voltage range allow to connect the power
supply to either side of the current measurement
shunt with minimal error.
L
SOT23-5
(Plastic package)
2
1
3
Vp
Out
Gnd
4
5
Vm
Vcc
Pin connections
(top view)
www.st.com


Similar Part No. - TSC888

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSC8 ETC1-TSC8 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
StarHope
TSC8.0U SPSEMI-TSC8.0U Datasheet
174Kb / 5P
TSC(720W) Series
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
TSC 80251 Programmer?셲 Guide
TSC80251-SK TEMIC-TSC80251-SK Datasheet
878Kb / 63P
8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251-SK TEMIC-TSC80251-SK Datasheet
341Kb / 52P
Extended 8-bit Microcontroller with Serial Communication
More results

Similar Description - TSC888

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4073T MAXIM-MAX4073T Datasheet
261Kb / 10P
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
19-2048; Rev 0; 4/01
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
MAX4173T MAXIM-MAX4173T Datasheet
204Kb / 12P
Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 5/99
MAX4373 MAXIM-MAX4373 Datasheet
366Kb / 12P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
Rev 0; 3/00
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
7/06-Revision 0
logo
Maxim Integrated Produc...
MAX4073T MAXIM-MAX4073T_12 Datasheet
519Kb / 12P
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 8/12
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
logo
Analog Devices
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX4373 MAXIM-MAX4373_V01 Datasheet
300Kb / 13P
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com