Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80ILT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH80ILT
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80ILT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH80ILT Datasheet HTML 4Page - STMicroelectronics TSH80ILT Datasheet HTML 5Page - STMicroelectronics TSH80ILT Datasheet HTML 6Page - STMicroelectronics TSH80ILT Datasheet HTML 7Page - STMicroelectronics TSH80ILT Datasheet HTML 8Page - STMicroelectronics TSH80ILT Datasheet HTML 9Page - STMicroelectronics TSH80ILT Datasheet HTML 10Page - STMicroelectronics TSH80ILT Datasheet HTML 11Page - STMicroelectronics TSH80ILT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical characteristics
TSH80-TSH81-TSH82
8/24
Table 5.
Standby mode - VCC
+, V
CC
-, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vlow
Standby low level
VCC
-
(VCC
- +0.8)
V
Vhigh
Standby high level
(VCC
- +2)
(VCC
+)V
ICC-STBY
Current consumption per
operator when Standby is active
pin 8 (TSH81) to VCC
-
20
55
μA
Zout
Output impedance (Rout//Cout)
Rout
Cout
10
17
M
Ω
pF
Ton
Time from Standby mode to
Active mode
2
μs
Toff
Time from Active mode to
Standby mode
Down to ICC-STBY = 10μA10
μs
Table 6.
TSH81 standby control pin status
TSH81 standby control pin 8 (STANDBY)
Operator status
Vlow
Standby
Vhigh
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com