Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80ILT Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSH80ILT
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80ILT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSH80ILT Datasheet HTML 16Page - STMicroelectronics TSH80ILT Datasheet HTML 17Page - STMicroelectronics TSH80ILT Datasheet HTML 18Page - STMicroelectronics TSH80ILT Datasheet HTML 19Page - STMicroelectronics TSH80ILT Datasheet HTML 20Page - STMicroelectronics TSH80ILT Datasheet HTML 21Page - STMicroelectronics TSH80ILT Datasheet HTML 22Page - STMicroelectronics TSH80ILT Datasheet HTML 23Page - STMicroelectronics TSH80ILT Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
TSH80-TSH81-TSH82
Ordering information
23/24
6
Ordering information
7
Revision history
Table 8.
Order codes
Type
Temperature
range
Package
Packaging
Marking
TSH80ILT
-40°C to +85°C
SOT23-5
Tape & reel
K303
TSH80IYLT(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.
SOT23-5
(Automotive grade level)
K310
TSH80ID/DT
SO-8
Tube or
tape & reel
TSH80I
TSH80IYD/IYDT(1)
SO-8
(Automotive grade level)
SH80IY
TSH81ID/DT
SO-8
TSH81I
TSH81IPT
TSSOP8
Tape & reel
SH81I
TSH81IYPT(1)
TSSOP8
(Automotive grade level)
H81IY
TSH82ID/DT
SO-8
Tube or
tape & reel
TSH82I
TSH82IPT
TSSOP8
Tape & reel
SH82I
TSH82IYD/IYDT(1)
SO-8
(Automotive grade level)
Tube or
tape & reel
SH82IY
Date
Revision
Changes
1-Feb-2003
1
First release.
2-Aug-2005
2
PPAP references inserted in the datasheet, see Table 8: Order codes
on page 23
.
12-Apr-2007
3
Corrected temperature range for TSH80IYD/IYDT and
TSH82IYD/IYDT order codes in Table 8: Order codes on page 23.
24-Oct-2007
4
TSH81IYPT PPAP references inserted in the datasheet, see Table 8:
Order codes on page 23
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com