Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH110 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSH110
Description  Wide band low noise operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH110 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSH110 Datasheet HTML 3Page - STMicroelectronics TSH110 Datasheet HTML 4Page - STMicroelectronics TSH110 Datasheet HTML 5Page - STMicroelectronics TSH110 Datasheet HTML 6Page - STMicroelectronics TSH110 Datasheet HTML 7Page - STMicroelectronics TSH110 Datasheet HTML 8Page - STMicroelectronics TSH110 Datasheet HTML 9Page - STMicroelectronics TSH110 Datasheet HTML 10Page - STMicroelectronics TSH110 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TSH110-TSH111-TSH112-TSH113-TSH114
Standby mode
7/15
3
Standby mode
Table 5.
Tamb = 25°C (unless otherwise specified), VCC=±6V
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vlow
Standby low level
VCC
-
(VCC
- +0.8)
V
Vhigh
Standby high level
(VCC
- +2)
(VCC
+)V
ICC-STBY
Current consumption per
operator in Standby mode
26
40
μA
Isol
Input/output isolation
F=1MHz
-90
dB
Zout
Output impedance (Rout // Cout)
Rout
Cout
31
25
M
Ω
pF
Ton
Time from Standby mode to
active mode
2
μs
Toff
Time from active mode to
Standby mode
Down to ICC-STBY=40μA13
μs
Table 6.
TSH111 standby control pin status
TSH111 standby control pin 8 (SBY)
Operator status
Vlow
Standby
Vhigh
Active
Table 7.
TSH113 standby control pin status
TSH113 standby control
Operator status
pin 1
(SBY OP1)
pin 2
(SBY OP2)
pin 3
(SBY OP)
OP1
OP1
OP3
Vlow
x
x
Standby
x
x
Vhigh
xx
Active
x
x
xVlow
x
x
Standby
x
xVhigh
xActivex
xx
Vlow
x
x
Standby
xx
Vhigh
xx
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com