Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH110 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH110
Description  Wide band low noise operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH110 Datasheet(HTML) 5 Page - STMicroelectronics

  TSH110 Datasheet HTML 1Page - STMicroelectronics TSH110 Datasheet HTML 2Page - STMicroelectronics TSH110 Datasheet HTML 3Page - STMicroelectronics TSH110 Datasheet HTML 4Page - STMicroelectronics TSH110 Datasheet HTML 5Page - STMicroelectronics TSH110 Datasheet HTML 6Page - STMicroelectronics TSH110 Datasheet HTML 7Page - STMicroelectronics TSH110 Datasheet HTML 8Page - STMicroelectronics TSH110 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TSH110-TSH111-TSH112-TSH113-TSH114
Electrical characteristics
5/15
Table 4.
Dual supply voltage, VCC=±6V, Rfb
(1)= 680Ω, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
Tamb
-1.0
0.9
3.0
mV
Tmin < Tamb < Tmax
1.3
mV
ΔVio
Input offset voltage drift vs temperature
Tmin < Tamb < Tmax
5
μV/°C
Iib+
Non inverting input bias current
Tamb
-12
1
14
μA
Tmin < Tamb < Tmax
1.7
μA
Iib -
Inverting input bias current
Tamb
-4
3
10
μA
Tmin < Tamb < Tmax
3.4
μA
ROL
Transimpedance
RL=100Ω
600
900
k
Ω
ICC
Supply current per operator
Tamb
45
mA
Tmin < Tamb < Tmax
4.1
mA
CMR
Common mode rejection ratio
(
ΔVic/ΔVio)
58
63
dB
SVR
Supply voltage rejection ratio
(
ΔVCC/ΔVio)
72
80
dB
PSR
Power supply rejection ratio
(
ΔVCC/ΔVout)
Gain=1, Rload=3.9kΩ
49
dB
Dynamic performance and output characteristics
Voh
High level output voltage
Tamb
RL = 100Ω
4.5
4.7
V
Tmin < Tamb < Tmax
RL = 100Ω
4.6
V
Vol
Low level output voltage
Tamb
RL = 100Ω
-4.7
-4.3
V
Tmin < Tamb < Tmax
RL = 100Ω
-4.6
V
| Isink |
Output sink current
Tmin < Tamb < Tmax
47
mA
Isource
Output source current
Tmin < Tamb < Tmax
46
mA
Bw
-3dB bandwidth
Vout=1Vpk, Rfb
(1)=680Ω//2pF
Load=100
Ω
AVCL=+2
100
MHz
SR
Slew rate
AVCL=+2, 6V step
Load=100
Ω
240
450
V/
μs
Tr
Rise time
for 200mV step
AVCL=+2, Rfb
(1)=680Ω//2pF
Load=100
Ω
10.4
ns
Tf
Fall time
12.2
ns
Ov
Overshoot
17
%
St
Settling time @ 0.05%
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com