Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH70CDT Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSH70CDT
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH70CDT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSH70CDT Datasheet HTML 16Page - STMicroelectronics TSH70CDT Datasheet HTML 17Page - STMicroelectronics TSH70CDT Datasheet HTML 18Page - STMicroelectronics TSH70CDT Datasheet HTML 19Page - STMicroelectronics TSH70CDT Datasheet HTML 20Page - STMicroelectronics TSH70CDT Datasheet HTML 21Page - STMicroelectronics TSH70CDT Datasheet HTML 22Page - STMicroelectronics TSH70CDT Datasheet HTML 23Page - STMicroelectronics TSH70CDT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Electrical Characteristics
TSH70,71,72,73,74,75
20/33
.
Figure 44. Standby mode - Ton, Toff
(VCC = ±5V, open loop)
Figure 45. Group Delay
(Gain = 2, VCC= ±5V
ZL = 150Ω//27pF, Tamb = 25
°C)
Figure 46. Third order intermodulation(1)
(Gain = 2, VCC = ±5V,
ZL = 150Ω//27pF, Tamb = 25
°C
1.
Note on intermodulation products:
The IFR2026 synthesizer generates a two tones signal
(F1=180kHz, F2=280kHz); each tone having the same
amplitude level.
The HP3585 spectrum analyzer measures the
intermodulation products function of the output voltage.
The generator and the spectrum analyzer are phase
locked for precision considerations.
0
2E-6
4E-6
6E-6
8E-6
Time (s)
-5
0
5
Vout
Standby
Ton
Toff
Vin
Group
Delay
Gain
5.1ns
0
1
234
Vout peak(V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
80kHz
380kHz
640kHz
740kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com