Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH70CDT Datasheet(PDF) 24 Page - STMicroelectronics

Part # TSH70CDT
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH70CDT Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TSH70CDT Datasheet HTML 20Page - STMicroelectronics TSH70CDT Datasheet HTML 21Page - STMicroelectronics TSH70CDT Datasheet HTML 22Page - STMicroelectronics TSH70CDT Datasheet HTML 23Page - STMicroelectronics TSH70CDT Datasheet HTML 24Page - STMicroelectronics TSH70CDT Datasheet HTML 25Page - STMicroelectronics TSH70CDT Datasheet HTML 26Page - STMicroelectronics TSH70CDT Datasheet HTML 27Page - STMicroelectronics TSH70CDT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Testing Conditions
TSH70,71,72,73,74,75
24/33
Cin, as Cout, is chosen to filter the DC signal by the low-pass filters (R1,Cin and Rout, Cout).
By taking R1 = 10K
Ω, RL = 150Ω, and Cin = 2uF, Cout=220uF we provide a cut-off frequency
below 10Hz.
Figure 50. Use of the TSH7x in gain = -1 configuration
Some precautions must be taken, especially for low-power supply applications.
A feedback capacitance, Cf, should be added for better stability. Table 8 summarizes the
impact of the capacitance Cf on the phase margin of the circuit.
Table 8.
Impact capacitance Cf
Parameter
Cf (pF)
VCC =
±1.5V V
CC =
±2.5V
VCC =
±5V
Unit
Phase Margin
0
28
43
56
deg
f-3dB
40
39.3
38.3
MHz
Phase Margin
5.6
30
43
56
deg
f-3dB
40
39.3
38.3
MHz
Phase Margin
22
37
52
67
deg
f-3dB
37
34
32
MHz
Phase Margin
33
48
65
78
deg
f-3dB
33.7
30.7
27.6
MHz
IN
R1
Vcc+
OUT
R2
R3
C1
C3
C2
Cin
Cout
+
-
1k
Cf
1k
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com