Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH72CD Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH72CD
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH72CD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH72CD Datasheet HTML 5Page - STMicroelectronics TSH72CD Datasheet HTML 6Page - STMicroelectronics TSH72CD Datasheet HTML 7Page - STMicroelectronics TSH72CD Datasheet HTML 8Page - STMicroelectronics TSH72CD Datasheet HTML 9Page - STMicroelectronics TSH72CD Datasheet HTML 10Page - STMicroelectronics TSH72CD Datasheet HTML 11Page - STMicroelectronics TSH72CD Datasheet HTML 12Page - STMicroelectronics TSH72CD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TSH70,71,72,73,74,75
Electrical Characteristics
9/33
Table 5.
VCC
+ = 5V, V
CC
- = -5V, V
IC = GND, Tamb = 25
°C (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
|Vio|
Input Offset Voltage
Tamb = 25°C
Tmin. < Tamb < Tmax.
0.8
10
12
mV
∆Vio
Input Offset Voltage Drift vs. Temp.
Tmin. < Tamb < Tmax.
2
µV/°C
Iio
Input Offset Current
Tamb = 25°C
Tmin. < Tamb < Tmax.
0.1
3.5
5
µA
Iib
Input Bias Current
Tamb = 25°C
Tmin. < Tamb < Tmax.
615
20
µA
Cin
Input Capacitance
0.7
pF
ICC
Supply Current per Operator
Tamb = 25°C
Tmin. < Tamb < Tmax.
9.8
12.3
13.4
mA
CMRR
Common Mode Rejection Ratio
(
δVIC/δVio)
-4.9<VIC<3.9V & Vout=GND
Tamb = 25°C
Tmin. < Tamb < Tmax.
81
80
106
dB
SVRR
Supply Voltage Rejection Ratio
(
δVCC/δVio)
Tamb = 25°C
Tmin. < Tamb < Tmax.
71
70
77
dB
PSRR
Power Supply Rejection Ratio
(
δVCC/δVout)
Positive & Negative Rail
75
dB
Avd
Large Signal Voltage Gain
RL=150Ω to GND
Vout=-4 to +4
Tamb = 25°C
Tmin. < Tamb < Tmax.
75
70
86
dB
Io
Output Short Circuit Current Source
Tamb=25°C
Vid=+1, Vout to 1.5V
Vid=-1, Vout to 1.5V
|Source
|Sink
Tmin. < Tamb < Tmax.
Vid=+1, Vout to 1.5V
Vid=-1, Vout to 1.5V
|Source
|Sink
35
30
34
29
55
55
mA
VOH
High Level Output Voltage
Tamb=25°C
RL = 150Ω to GND
RL = 600Ω to GND
RL = 2kΩ to GND
RL = 10kΩ to GND
Tmin. < Tamb < Tmax.
RL = 150Ω to GND
4.2
4.1
4.36
4.85
4.9
4.93
V
VOL
Low Level Output Voltage
Tamb=25°C
RL = 150Ω to GND
RL = 600Ω to GND
RL = 2kΩ to GND
RL = 10kΩ to GND
Tmin. < Tamb < Tmax.
RL = 150Ω to GND
-4.63
-4.86
-4.9
-4.93
-4.4
-4.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com