Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH72CD Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSH72CD
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH72CD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSH72CD Datasheet HTML 11Page - STMicroelectronics TSH72CD Datasheet HTML 12Page - STMicroelectronics TSH72CD Datasheet HTML 13Page - STMicroelectronics TSH72CD Datasheet HTML 14Page - STMicroelectronics TSH72CD Datasheet HTML 15Page - STMicroelectronics TSH72CD Datasheet HTML 16Page - STMicroelectronics TSH72CD Datasheet HTML 17Page - STMicroelectronics TSH72CD Datasheet HTML 18Page - STMicroelectronics TSH72CD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
TSH70,71,72,73,74,75
Electrical Characteristics
15/33
4.3
Characteristic curves for VCC=5V
Figure 17. Closed loop gain and phase vs.
frequency
(Gain = +2, VCC = ±2.5V,
RL = 150Ω, Tamb = 25
°C)
Figure 18. Overshoot function of output
capacitance
(Gain = +2, VCC = ±2.5V,
Tamb = 25
°C)
Figure 19. Closed loop gain and phase vs.
frequency
(Gain = -10, VCC = ±2.5V,
RL = 150Ω, Tamb = 25
°C)
Figure 20. Closed loop gain and phase vs.
frequency
(Gain = +11, VCC = ±2.5V,
RL = 150Ω, Tamb = 25
°C)
Figure 21. Large signal measurement - positive
slew rate
(Gain = 2, VCC = ±2.5V,
ZL= 150Ω//5.6pF)
Figure 22. Large signal measurement -
negative slew rate
(Gain = 2,
VCC = ±2.5V, ZL = 150Ω//5.6pF)
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-15
-10
-5
0
5
10
-200
-100
0
100
200
Gain
Phase
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-5
0
5
10
150
Ω
150
Ω//33pF
150
Ω//22pF
150
Ω//10pF
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-10
0
10
20
30
-100
-50
0
50
100
150
200
Gain
Phase
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-10
0
10
20
30
-150
-100
-50
0
Gain
Phase
0
1020
30
40506070
80
Time (ns)
-3
-2
-1
0
1
2
3
0
1020
3040
506070
Time (ns)
-3
-2
-1
0
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com