Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH72CDT Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSH72CDT
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH72CDT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSH72CDT Datasheet HTML 10Page - STMicroelectronics TSH72CDT Datasheet HTML 11Page - STMicroelectronics TSH72CDT Datasheet HTML 12Page - STMicroelectronics TSH72CDT Datasheet HTML 13Page - STMicroelectronics TSH72CDT Datasheet HTML 14Page - STMicroelectronics TSH72CDT Datasheet HTML 15Page - STMicroelectronics TSH72CDT Datasheet HTML 16Page - STMicroelectronics TSH72CDT Datasheet HTML 17Page - STMicroelectronics TSH72CDT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Electrical Characteristics
TSH70,71,72,73,74,75
14/33
Figure 14. Standby mode - Ton, Toff
(VCC = ±1.5V, open loop)
Figure 15. Group delay gain = 2
(VCC = ±1.5V,
ZL = 150Ω//27pF, Tamb = 25
°C)
Figure 16. Third order intermodulation(1)
(Gain = 2, VCC = ±1.5V,
ZL =150Ω//27pF, Tamb = 25
°C)
1.
Note on intermodulation products:
The IFR2026 synthesizer generates a two tones signal
(F1=180kHz, F2=280kHz); each tone having the same
amplitude level.
The HP3585 spectrum analyzer measures the
intermodulation products function of the output voltage.
The generator and the spectrum analyzer are phase
locked for precision considerations.
0
2E-6
4E-6
6E-6
8E-6
1E-5
Time (s)
-2
-1
0
1
2
Vout
Ton
Toff
Standby
Vin
Group
Delay
Gain
5.87ns
0
123
4
Vout peak(V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
80kHz
380kHz
640kHz
740kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com