Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH72CDT Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSH72CDT
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH72CDT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSH72CDT Datasheet HTML 13Page - STMicroelectronics TSH72CDT Datasheet HTML 14Page - STMicroelectronics TSH72CDT Datasheet HTML 15Page - STMicroelectronics TSH72CDT Datasheet HTML 16Page - STMicroelectronics TSH72CDT Datasheet HTML 17Page - STMicroelectronics TSH72CDT Datasheet HTML 18Page - STMicroelectronics TSH72CDT Datasheet HTML 19Page - STMicroelectronics TSH72CDT Datasheet HTML 20Page - STMicroelectronics TSH72CDT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
TSH70,71,72,73,74,75
Electrical Characteristics
17/33
Figure 29. Standby mode - Ton, Toff
(VCC = ±2.5V, open loop)
Figure 30. Group delay
(Gain = 2, VCC = ±2.5V,
ZL = 150Ω//27pF, Tamb = 25
°C)
Figure 31. Third order intermodulation(1)
(Gain = 2, VCC = ±2.5V,
ZL =150Ω//27pF, Tamb = 25
°C)
1.
Note on intermodulation products:
The IFR2026 synthesizer generates a two tones signal
(F1=180kHz, F2=280kHz); each tone having the same
amplitude level.
The HP3585 spectrum analyzer measures the
intermodulation products function of the output voltage.
The generator and the spectrum analyzer are phase
locked for precision considerations.
0
2E-64E-66E-68E-61E-5
Time (s)
-3
-2
-1
0
1
2
3
Vout
Ton
Toff
Standby
Vin
Group
Delay
Gain
5.32ns
01
2
3
4
Vout peak(V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
740kHz
380kHz
640kHz
80kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com