Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1872ID Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS1872ID
Description  1.8V input/output rail-to-rail low power operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1872ID Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS1872ID Datasheet HTML 11Page - STMicroelectronics TS1872ID Datasheet HTML 12Page - STMicroelectronics TS1872ID Datasheet HTML 13Page - STMicroelectronics TS1872ID Datasheet HTML 14Page - STMicroelectronics TS1872ID Datasheet HTML 15Page - STMicroelectronics TS1872ID Datasheet HTML 16Page - STMicroelectronics TS1872ID Datasheet HTML 17Page - STMicroelectronics TS1872ID Datasheet HTML 18Page - STMicroelectronics TS1872ID Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
TS1871-TS1872-TS1874
Electrical characteristics
15/26
Figure 43.
Distortion vs. frequency
Figure 44.
Distortion vs. frequency
1E+1
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
0,004.
0.006
0.008
0.010
0.012
0.014
Vcc = 1.8V
Vout = 1Vpp
RL = 1Kohms
gain = -1
1E+1
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
0,004.
0.006
0.008
0.010
0.012
0.014
Vcc = 1.8V
Vout = 1Vpp
RL = 1Kohms
gain = -1
1E+1
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
0.000
0.003
0.005
0.007
0.010
0.013
0.015
Vcc = 3V
Vout = 1Vpp
RL = 1Kohms
gain = -1
1E+1
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
0.000
0.003
0.005
0.007
0.010
0.013
0.015
Vcc = 3V
Vout = 1Vpp
RL = 1Kohms
gain = -1
Figure 45.
Distortion vs. frequency
Figure 46.
Distortion vs. frequency
Figure 47.
Output power vs. supply voltage
1E+1
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
0.000
0.025
0.050
0.075
0.100
0.125
0.150
Vcc = 1.8V
Vout = 1Vpp
RL = 32 ohms
gain = -1
1E+1
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
0.000
0.025
0.050
0.075
0.100
0.125
0.150
Vcc = 1.8V
Vout = 1Vpp
RL = 32 ohms
gain = -1
1E+1
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
0.000
0.025
0.050
0.075
0.100
0.125
0.150
Vcc = 3V
Vout = 1Vpp
RL = 32 ohms
gain = -1
1E+1
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
0.000
0.025
0.050
0.075
0.100
0.125
0.150
Vcc = 3V
Vout = 1Vpp
RL = 32 ohms
gain = -1
12
34
5
6
Supply voltage (V)
0
10
20
30
40
50
60
10% distortion
1% distortion
0.1% distortion
RL = 32 ohms
12
34
5
6
Supply voltage (V)
0
10
20
30
40
50
60
10% distortion
1% distortion
0.1% distortion
RL = 32 ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com