Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1872ID Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS1872ID
Description  1.8V input/output rail-to-rail low power operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1872ID Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS1872ID Datasheet HTML 17Page - STMicroelectronics TS1872ID Datasheet HTML 18Page - STMicroelectronics TS1872ID Datasheet HTML 19Page - STMicroelectronics TS1872ID Datasheet HTML 20Page - STMicroelectronics TS1872ID Datasheet HTML 21Page - STMicroelectronics TS1872ID Datasheet HTML 22Page - STMicroelectronics TS1872ID Datasheet HTML 23Page - STMicroelectronics TS1872ID Datasheet HTML 24Page - STMicroelectronics TS1872ID Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
TS1871-TS1872-TS1874
Package information
21/26
3.6
DIP14 package information
Figure 53.
DIP14 package mechanical drawing
Table 11.
DIP14 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b0.5
0.020
b1
0.25
0.010
D20
0.787
E8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L3.3
0.130
Z
1.27
2.54
0.050
0.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com